Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L5988 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L5988
Description  4A step-down switching regulator with synchronous rectification
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5988 Datasheet(HTML) 5 Page - STMicroelectronics

  L5988 Datasheet HTML 1Page - STMicroelectronics L5988 Datasheet HTML 2Page - STMicroelectronics L5988 Datasheet HTML 3Page - STMicroelectronics L5988 Datasheet HTML 4Page - STMicroelectronics L5988 Datasheet HTML 5Page - STMicroelectronics L5988 Datasheet HTML 6Page - STMicroelectronics L5988 Datasheet HTML 7Page - STMicroelectronics L5988 Datasheet HTML 8Page - STMicroelectronics L5988 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
L5988
Maximum ratings
5/10
3
Maximum ratings
4
Electrical characteristics
VCC = 12V, TJ = 25° C, unless otherwise specified
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Input voltage
20
V
VOUT
Output DC voltage
-0.3 to 20
V
S/O/U, SS/INH, FB, COMP,
SYNCH, Fsw, ILIM-ADJ
Analog pins
-0.3 to 4
V
PTOT
Power dissipation at TA = 60°C
W
TJ
Junction temperature range
-40 to 150
° C
Tstorage
Storage temperature range
-55 to 150
° C
Table 3.
Electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VCC
Operating input voltage range
VO = 0.6V
2.9
18
V
Rdson_hs
On resistance high-side MOSFET
75
m
Ω
Rdson_ls
On resistance low-side MOSFET
60
m
Ω
II peak
Current limit
ILIM-ADJ = float
4A
R = 270K
Ω to GND
5A
R = 47K
Ω to VREF
1.3
A
II valley
Current limit
ILIM-ADJ = float
4.6
A
R = 270K
Ω to GND
5.6
A
R = 47K
Ω to VREF
1.8
A
Iqst-by
Total shutdown quiescent current
SS to GND
35
µA
Power-ON
3.3V BUS
Turn-On VCC threshold
2.8
V
Turn-Off VCC threshold
2.6
V
12V BUS
Turn-On VCC threshold
8V
Turn-Off VCC threshold
7V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com