Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRIX4K Datasheet(PDF) 11 Page - STMicroelectronics

Part # SRIX4K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRIX4K Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SRIX4K_07 Datasheet HTML 7Page - STMicroelectronics SRIX4K_07 Datasheet HTML 8Page - STMicroelectronics SRIX4K_07 Datasheet HTML 9Page - STMicroelectronics SRIX4K_07 Datasheet HTML 10Page - STMicroelectronics SRIX4K_07 Datasheet HTML 11Page - STMicroelectronics SRIX4K_07 Datasheet HTML 12Page - STMicroelectronics SRIX4K_07 Datasheet HTML 13Page - STMicroelectronics SRIX4K_07 Datasheet HTML 14Page - STMicroelectronics SRIX4K_07 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
SRIX4K
Data transfer
11/50
3.2
Output data transfer from the SRIX4K to the Reader (answer
frame)
The data bits issued by the SRIX4K use retro-modulation. Retro-modulation is obtained by
modifying the SRIX4K current consumption at the antenna (load modulation). The load
modulation causes a variation at the reader antenna by inductive coupling. With appropriate
detector circuitry, the reader is able to pick up information from the SRIX4K. To improve
load-modulation detection, data is transmitted using a BPSK encoded, 847 kHz subcarrier
frequency ƒs as shown in Figure 7, and as specified in the ISO 14443-2 Type B Standard.
Figure 7.
Wave transmitted using BPSK subcarrier modulation
3.2.1
Character transmission format for answer frame
The character format is the same as for input data transfer (Figure 4). The transmitted
frames are made up of an SOF, data, a CRC and an EOF (Figure 10). As with an input data
transfer, if an error occurs, the reader does not issue an error code to the SRIX4K, but it
should be able to detect it and manage the situation. The data transfer rate is
106 Kbits/second.
3.2.2
Answer start of frame
The SOF described in Figure 8 is composed of:
–
followed by 10 ETUs at logic-0
–
followed by 2 ETUs at logic-1
Figure 8.
Answer start of frame
Or
AI05730
Data Bit to be Transmitted
to the Reader
847kHz BPSK Modulation
Generated by the SRIX4K
BPSK Modulation at 847kHz
During a One-bit Data Transfer Time (1/106kHz)
ai07665
ETU
b0
b1
b2
b3
b4
b5
b6
b7
b8
b9
b10
b11
0000000000
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50