Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRIX4K Datasheet(PDF) 29 Page - STMicroelectronics

Part # SRIX4K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRIX4K Datasheet(HTML) 29 Page - STMicroelectronics

Back Button SRIX4K_07 Datasheet HTML 25Page - STMicroelectronics SRIX4K_07 Datasheet HTML 26Page - STMicroelectronics SRIX4K_07 Datasheet HTML 27Page - STMicroelectronics SRIX4K_07 Datasheet HTML 28Page - STMicroelectronics SRIX4K_07 Datasheet HTML 29Page - STMicroelectronics SRIX4K_07 Datasheet HTML 30Page - STMicroelectronics SRIX4K_07 Datasheet HTML 31Page - STMicroelectronics SRIX4K_07 Datasheet HTML 32Page - STMicroelectronics SRIX4K_07 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
SRIX4K
SRIX4K commands
29/50
9.1
INITIATE() command
Command Code = 06h - 00h
INITIATE() is used to initiate the anticollision sequence of the SRIX4K. On receiving the
INITIATE() command, all SRIX4K devices in READY state switch to INVENTORY state, set
a new 8-bit Chip_ID random value, and return their Chip_ID value. This command is useful
when only one SRIX4K in READY state is present in the reader field range. It speeds up the
Chip_ID search process. The CHIP_SLOT_NUMBER is not used during INITIATE()
command access.
Figure 23.
INITIATE request format
Request parameter:
–
No parameter
Figure 24.
INITIATE response format
Response parameter:
–
Chip_ID of the SRIX4K
Figure 25.
INITIATE Frame Exchange Between Reader and SRIX4K
SOF
INITIATE
CRCL
CRCH
EOF
AI07670
06h
00h
8 bits
8 bits
SOF
Chip_ID
CRCL
CRCH
EOF
AI07671
8 bits
8 bits
8 bits
AI07672b
Reader
SRIX4K
SOF
Chip_ID
CRCL CRCH EOF
<-t0-><-t1->
SOF
06h
CRCL
CRCH EOF
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com