Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRIX4K Datasheet(PDF) 15 Page - STMicroelectronics

Part # SRIX4K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRIX4K Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SRIX4K_07 Datasheet HTML 11Page - STMicroelectronics SRIX4K_07 Datasheet HTML 12Page - STMicroelectronics SRIX4K_07 Datasheet HTML 13Page - STMicroelectronics SRIX4K_07 Datasheet HTML 14Page - STMicroelectronics SRIX4K_07 Datasheet HTML 15Page - STMicroelectronics SRIX4K_07 Datasheet HTML 16Page - STMicroelectronics SRIX4K_07 Datasheet HTML 17Page - STMicroelectronics SRIX4K_07 Datasheet HTML 18Page - STMicroelectronics SRIX4K_07 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
SRIX4K
Memory mapping
15/50
4.1
Resettable OTP area
In this area contains five individual 32-bit Boolean Words (see Figure 12 for a map of the
area). A WRITE_BLOCK command will not erase the previous contents of the block as the
Write cycle is not preceded by an Auto Erase cycle. This feature can be used to reset
selected bits from 1 to 0. All bits previously at 0 remain unchanged. When the 32 bits of a
block are all at 0, the block is empty, and cannot be updated any more. See Figure 13 and
Figure 14 for examples of the result of the WRITE_BLOCK command in the resettable OTP
area.
Figure 12.
Resettable OTP area (addresses 0 to 4)
Figure 13.
WRITE_BLOCK update in Standard mode (binary format)
The five 32-bit blocks making up the Resettable OTP area can be erased in one go by
adding an Auto Erase cycle to the WRITE_BLOCK command. An Auto Erase cycle is added
each time the SRIX4K detects a Reload command. The Reload command is implemented
through a specific update of the 32-bit binary counter located at block address 6 (see
Section 4.2: 32-bit binary counters for details).
Block
Address
MSb
b31
32-bit Block
b16 b15
b24 b23
b8 b7
LSb
b0
Description
Resettable
OTP Bit
0
1
2
3
4
32-bit Boolean Area
32-bit Boolean Area
32-bit Boolean Area
32-bit Boolean Area
32-bit Boolean Area
ai07657
ai07658
1
...
1
1
01011
11
1
0
11
1
...
1
0
01011
00
1
1
11
1
...
1
0
01011
00
1
0
11
Previous data stored in block
Data to be written
New data stored in block
b31
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com