Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6621 Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC18F6621
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6621 Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC18F6621 Datasheet HTML 35Page - Microchip Technology PIC18F6621 Datasheet HTML 36Page - Microchip Technology PIC18F6621 Datasheet HTML 37Page - Microchip Technology PIC18F6621 Datasheet HTML 38Page - Microchip Technology PIC18F6621 Datasheet HTML 39Page - Microchip Technology PIC18F6621 Datasheet HTML 40Page - Microchip Technology PIC18F6621 Datasheet HTML 41Page - Microchip Technology PIC18F6621 Datasheet HTML 42Page - Microchip Technology PIC18F6621 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 386 page
background image
 2003 Microchip Technology Inc.
Advance Information
DS39612A-page 37
PIC18F6X2X/8X2X
IPR3
PIC18F6X2X PIC18F8X2X
--11 1111
--11 1111
--uu uuuu
PIR3
PIC18F6X2X PIC18F8X2X
--00 0000
--00 0000
--uu uuuu
PIE3
PIC18F6X2X PIC18F8X2X
--00 0000
--00 0000
--uu uuuu
IPR2
PIC18F6X2X PIC18F8X2X
-1-1 1111
-1-1 1111
-u-u uuuu
PIR2
PIC18F6X2X PIC18F8X2X
-0-0 0000
-0-0 0000
-u-u uuuu(1)
PIE2
PIC18F6X2X PIC18F8X2X
-0-0 0000
-0-0 0000
-u-u uuuu
IPR1
PIC18F6X2X PIC18F8X2X
1111 1111
1111 1111
uuuu uuuu
PIR1
PIC18F6X2X PIC18F8X2X
0000 0000
0000 0000
uuuu uuuu(1)
PIE1
PIC18F6X2X PIC18F8X2X
0000 0000
0000 0000
uuuu uuuu
MEMCON
PIC18F6X2X PIC18F8X2X
0-00 --00
0-00 --00
u-uu --uu
TRISJ
PIC18F6X2X PIC18F8X2X
1111 1111
1111 1111
uuuu uuuu
TRISH
PIC18F6X2X PIC18F8X2X
1111 1111
1111 1111
uuuu uuuu
TRISG
PIC18F6X2X PIC18F8X2X
---1 1111
---1 1111
---u uuuu
TRISF
PIC18F6X2X PIC18F8X2X
1111 1111
1111 1111
uuuu uuuu
TRISE
PIC18F6X2X PIC18F8X2X
1111 1111
1111 1111
uuuu uuuu
TRISD
PIC18F6X2X PIC18F8X2X
1111 1111
1111 1111
uuuu uuuu
TRISC
PIC18F6X2X PIC18F8X2X
1111 1111
1111 1111
uuuu uuuu
TRISB
PIC18F6X2X PIC18F8X2X
1111 1111
1111 1111
uuuu uuuu
TRISA(5,6)
PIC18F6X2X PIC18F8X2X
-111 1111(5)
-111 1111(5)
-uuu uuuu(5)
LATJ
PIC18F6X2X PIC18F8X2X
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATH
PIC18F6X2X PIC18F8X2X
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATG
PIC18F6X2X PIC18F8X2X
---x xxxx
---u uuuu
---u uuuu
LATF
PIC18F6X2X PIC18F8X2X
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATE
PIC18F6X2X PIC18F8X2X
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATD
PIC18F6X2X PIC18F8X2X
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATC
PIC18F6X2X PIC18F8X2X
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATB
PIC18F6X2X PIC18F8X2X
xxxx xxxx
uuuu uuuu
uuuu uuuu
LATA(5,6)
PIC18F6X2X PIC18F8X2X
-xxx xxxx(5)
-uuu uuuu(5)
-uuu uuuu(5)
TABLE 3-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
Legend:
u
= unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 3-2 for RESET value for specific condition.
5:
Bit 6 of PORTA, LATA, and TRISA are enabled in ECIO and RCIO Oscillator modes only. In all other
Oscillator modes, they are disabled and read ‘0’.
6:
Bit 6 of PORTA, LATA and TRISA are not available on all devices. When unimplemented, they are read ‘0’.
7:
If MCLR function is disabled, PORTG<5> is a read only bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com