Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6621 Datasheet(PDF) 57 Page - Microchip Technology

Part # PIC18F6621
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6621 Datasheet(HTML) 57 Page - Microchip Technology

Back Button PIC18F6621 Datasheet HTML 53Page - Microchip Technology PIC18F6621 Datasheet HTML 54Page - Microchip Technology PIC18F6621 Datasheet HTML 55Page - Microchip Technology PIC18F6621 Datasheet HTML 56Page - Microchip Technology PIC18F6621 Datasheet HTML 57Page - Microchip Technology PIC18F6621 Datasheet HTML 58Page - Microchip Technology PIC18F6621 Datasheet HTML 59Page - Microchip Technology PIC18F6621 Datasheet HTML 60Page - Microchip Technology PIC18F6621 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 386 page
background image
 2003 Microchip Technology Inc.
Advance Information
DS39612A-page 55
PIC18F6X2X/8X2X
CMCON
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
0000 0000
36, 243
TMR3H
Timer3 Register High Byte
xxxx xxxx
36, 147
TMR3L
Timer3 Register Low Byte
xxxx xxxx
36, 147
T3CON
RD16
T3CCP2
T3CKPS1
T3CKPS0
T3CCP1
T3SYNC
TMR3CS
TMR3ON
0000 0000
36, 147
PSPCON
IBF
OBF
IBOV
PSPMODE
—
—
—
—
0000 ----
36, 131
SPBRG1
USART1 Baud Rate Generator
0000 0000
36, 219
RCREG1
USART1 Receive Register
0000 0000
36, 226
TXREG1
USART1 Transmit Register
0000 0000
36, 224
TXSTA1
CSRC
TX9
TXEN
SYNC
—
BRGH
TRMT
TX9D
0000 -010
36, 216
RCSTA1
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x
36, 217
EEADRH
—
—
—
—
—
—
EE Adr Register High
---- --00
36, 85
EEADR
Data EEPROM Address Register
0000 0000
36, 85
EEDATA
Data EEPROM Data Register
0000 0000
36, 85
EECON2
Data EEPROM Control Register 2 (not a physical register)
---- ----
36, 85
EECON1
EEPGD
CFGS
—
FREE
WRERR
WREN
WR
RD
xx-0 x000
36, 82
IPR3
—
—
RC2IP
TX2IP
TMR4IP
CCP5IP
CCP4IP
CCP3IP
--11 1111
37, 102
PIR3
—
—
RC2IF
TX2IF
TMR4IF
CCP5IF
CCP4IF
CCP3IF
--00 0000
37, 96
PIE3
—
—
RC2IE
TX2IE
TMR4IE
CCP5IE
CCP4IE
CCP3IE
--00 0000
37, 99
IPR2
—CMIP
—
EEIP
BCLIP
LVDIP
TMR3IP
CCP2IP
-1-1 1111
37, 101
PIR2
—CMIF
—
EEIF
BCLIF
LVDIF
TMR3IF
CCP2IF
-0-0 0000
37, 95
PIE2
—CMIE
—
EEIE
BCLIE
LVDIE
TMR3IE
CCP2IE
-0-0 0000
37, 98
IPR1
PSPIP
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
1111 1111
37, 100
PIR1
PSPIF
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
0000 0000
37, 94
PIE1
PSPIE
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
0000 0000
37, 97
MEMCON(3)
EBDIS
—WAIT1
WAIT0
—
—WM1
WM0
0-00 --00
37, 73
TRISJ(3)
Data Direction Control Register for PORTJ
1111 1111
37, 129
TRISH(3)
Data Direction Control Register for PORTH
1111 1111
37, 126
TRISG
—
—
—
Data Direction Control Register for PORTG
---1 1111
37, 121
TRISF
Data Direction Control Register for PORTF
1111 1111
37, 118
TRISE
Data Direction Control Register for PORTE
1111 1111
37, 115
TRISD
Data Direction Control Register for PORTD
1111 1111
37, 112
TRISC
Data Direction Control Register for PORTC
1111 1111
37, 110
TRISB
Data Direction Control Register for PORTB
1111 1111
37, 107
TRISA
—
TRISA6(1)
Data Direction Control Register for PORTA
-111 1111
37, 123
LATJ(3)
Read PORTJ Data Latch, Write PORTJ Data Latch
xxxx xxxx
37, 129
LATH(3)
Read PORTH Data Latch, Write PORTH Data Latch
xxxx xxxx
37, 126
LATG
—
—
—
Read PORTG Data Latch, Write PORTG Data Latch
---x xxxx
37, 123
LATF
Read PORTF Data Latch, Write PORTF Data Latch
xxxx xxxx
37, 121
LATE
Read PORTE Data Latch, Write PORTE Data Latch
xxxx xxxx
37, 118
LATD
Read PORTD Data Latch, Write PORTD Data Latch
xxxx xxxx
37, 115
LATC
Read PORTC Data Latch, Write PORTC Data Latch
xxxx xxxx
37, 112
LATB
Read PORTB Data Latch, Write PORTB Data Latch
xxxx xxxx
37, 110
LATA
—LATA6(1)
Read PORTA Data Latch, Write PORTA Data Latch(1)
-xxx xxxx
37, 107
TABLE 4-3:
REGISTER FILE SUMMARY (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on page:
Legend:
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition
Note
1:
RA6 and associated bits are configured as port pins in RCIO and ECIO Oscillator mode only and read ‘0’ in all other
Oscillator modes.
2:
Bit 21 of the TBLPTRU allows access to the device configuration bits.
3:
These registers are unused on PIC18F6X2X devices; always maintain these clear.
4:
RG5 is available only if MCLR function is disabled in configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com