Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6621 Datasheet(PDF) 45 Page - Microchip Technology

Part # PIC18F6621
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6621 Datasheet(HTML) 45 Page - Microchip Technology

Back Button PIC18F6621 Datasheet HTML 41Page - Microchip Technology PIC18F6621 Datasheet HTML 42Page - Microchip Technology PIC18F6621 Datasheet HTML 43Page - Microchip Technology PIC18F6621 Datasheet HTML 44Page - Microchip Technology PIC18F6621 Datasheet HTML 45Page - Microchip Technology PIC18F6621 Datasheet HTML 46Page - Microchip Technology PIC18F6621 Datasheet HTML 47Page - Microchip Technology PIC18F6621 Datasheet HTML 48Page - Microchip Technology PIC18F6621 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 386 page
background image
 2003 Microchip Technology Inc.
Advance Information
DS39612A-page 43
PIC18F6X2X/8X2X
REGISTER 4-1:
CONFIG3L CONFIGURATION BYTE
FIGURE 4-3:
MEMORY MAPS FOR PIC18F6X2X/8X2X PROGRAM MEMORY MODES
R/P-1
U-0
U-0
U-0
U-0
U-0
R/P-1
R/P-1
WAIT
—
—
—
—
—PM1
PM0
bit 7
bit 0
bit 7
WAIT: External Bus Data Wait Enable bit
1
= Wait selections unavailable, device will not wait
0
= Wait programmed by WAIT1 and WAIT0 bits of MEMCOM register (MEMCOM<5:4>)
bit 6-2
Unimplemented: Read as ‘0’
bit 1-0
PM1:PM0: Processor Data Memory Mode Select bits
11
= Microcontroller mode
10
= Microprocessor mode(1)
01
= Microcontroller with Boot Block mode(1)
00
= Extended Microcontroller mode(1)
Note 1: This mode is available only on PIC18F8X2X devices.
Legend:
R = Readable bit
P = Programmable bit U = Unimplemented bit, read as ‘0’
- n = Value after erase
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
Microprocessor
Mode(3)
000000h
1FFFFFh
External
Program
Memory
External
Program
Memory
1FFFFFh
000000h
On-Chip
Program
Memory
Extended
Microcontroller
Mode(3)
Microcontroller
Mode
000000h
External
On-Chip
On-Chip
Program
Memory
1FFFFFh
Reads
000800h
1FFFFFh
0007FFh
Microprocessor
with Boot Block
Mode(3)
000000h
On-Chip
Program
Memory
External
Program
Memory
Memory
FLASH
On-Chip
Program
Memory
(No
access)
‘0’s
010000h(2)
00FFFFh(2)
External
On-Chip
Memory
FLASH
On-Chip
FLASH
External
On-Chip
Memory
FLASH
00BFFFh(1)
00C000h(1)
00FFFFh(2)
00BFFFh(1)
010000h(2)
00C000h(1)
Note
1:
PIC18F8525 and PIC18F6525.
2:
PIC18F8621 and PIC18F6621.
3:
This mode is available only on PIC18F8X2X devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com