Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC405GP-3BE133CZ Datasheet(PDF) 19 Page - Applied Micro Circuits Corporation

Part # PPC405GP-3BE133CZ
Description  Power PC 405GP Embedded Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GP-3BE133CZ Datasheet(HTML) 19 Page - Applied Micro Circuits Corporation

Back Button PPC405GP-3BE133CZ Datasheet HTML 15Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 16Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 17Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 18Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 19Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 20Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 21Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 22Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 23Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 59 page
background image
405GP – Power PC 405GP Embedded Processor
AMCC
19
Revision 2.03 – September 7, 2007
Data Sheet
GND
AB9
AB13
AB14
AB18
AB22
AC4
AC23
AD3
AD24
AE1
AE2
AE25
AF1
AF6
AF81
AF11
AF16
AF21
AF25
AF26
Ground
Notes:
1. Reserved on 27mm package. GND on 35mm package.
2. On the 456-ball packages, L11-L16, M11-M16, N11-N16, P11-P16,
R11-R16, and T11-T16 are also thermal balls.
3. On the 413-ball package, J11, J13, K11-K13, L11-L13, M11-N13,
N11-N13, P11-P13, R11, and R13 are also thermal balls.
42
Gnt[PCIReq0]
D15
C19
PCI
35
GPIO1[TS1E]
GPIO2[TS2E]
GPIO3[TS1O]
GPIO4[TS2O]
GPIO5[TS3]
GPIO6[TS4]
GPIO7[TS5]
GPIO8[TS6]
GPIO9[TrcClk]
A20
C19
A21
AB18
AC4
AB4
AC3
Y6
T7
D18
C20
A22
AF18
AC9
AE8
AF5
AC7
AB3
System
40
[GPIO10]PerCS1
[GPIO11]PerCS2
[GPIO12]PerCS3
[GPIO13]PerCS4
[GPIO14]PerCS5
[GPIO15]PerCS6
[GPIO16]PerCS7
H11
G8
D5
C7
D10
B6
C10
C4
C5
A4
B9
B10
A9
B11
System
40
[GPIO17]IRQ0
[GPIO18]IRQ1
[GPIO19]IRQ2
[GPIO20]IRQ3
[GPIO21]IRQ4
[GPIO22]IRQ5
[GPIO23]IRQ6
U21
Y23
R20
Y22
W21
U20
AA22
V25
V23
W24
W25
Y24
Y25
AA24
System
40
Halt
AA23
AB26
System
40
HoldAck
P4
U2
External Master Peripheral
39
HoldPri
P3
T2
External Master Peripheral
39
HoldReq
V2
V1
External Master Peripheral
39
IICSCL
AB3
AD6
Internal Peripheral
39
IICSDA
Y7
AE7
Internal Peripheral
39
IRQ0[GPIO17]
IRQ1[GPIO18]
IRQ2[GPIO19]
IRQ3[GPIO20]
IRQ4[GPIO21]
IRQ5[GPIO22]
IRQ6[GPIO23]
U21
Y23
R20
Y22
W21
U20
AA22
V25
V23
W24
W25
Y24
Y25
AA24
Interrupts
40
Signals Listed Alphabetically (Part 3 of 10)
Signal Name
413-Ball
456-Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com