Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC405GP-3BE133CZ Datasheet(PDF) 24 Page - Applied Micro Circuits Corporation

Part # PPC405GP-3BE133CZ
Description  Power PC 405GP Embedded Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GP-3BE133CZ Datasheet(HTML) 24 Page - Applied Micro Circuits Corporation

Back Button PPC405GP-3BE133CZ Datasheet HTML 20Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 21Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 22Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 23Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 24Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 25Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 26Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 27Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 28Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 59 page
background image
405GP – Power PC 405GP Embedded Processor
24
AMCC
Revision 2.03 – September 7, 2007
Data Sheet
PerData0
PerData1
PerData2
PerData3
PerData4
PerData5
PerData6
PerData7
PerData8
PerData9
PerData10
PerData11
PerData12
PerData13
PerData14
PerData15
PerData16
PerData17
PerData18
PerData19
PerData20
PerData21
PerData22
PerData23
PerData24
PerData25
PerData26
PerData27
PerData28
PerData29
PerData30
PerData31
R3
W1
U2
T2
U1
P2
N2
M3
R1
M2
P1
M1
K1
J1
L2
M8
H1
K2
L3
G1
G2
J2
H2
F2
E1
J3
G3
D1
J4
F3
D2
H4
U4
U3
U1
T4
R2
P4
R4
P2
R1
P1
N3
N1
M1
N2
M3
M4
N4
M2
L3
L4
K1
L2
K3
J1
K4
J3
J2
J4
H3
G1
H2
H4
External Slave Peripheral
Note: PerData0 is the most significant bit (msb) on this bus.
37
PerErr
H8
B1
External Master Peripheral
39
PerOE
K10
C2
External Slave Peripheral
37
PerPar0
PerPar1
PerPar2
PerPar3
L7
F4
E3
C1
D3
G4
G3
E1
External Slave Peripheral
37
PerReady
L8
E3
External Slave Peripheral
37
PerR/W
H7
C1
External Slave Peripheral
37
PerWBE0
PerWBE1
PerWBE2
PerWBE3
D4
B2
B1
E4
D2
E2
F4
D1
External Slave Peripheral
37
[PerWE]PCIINT
G13
C23
External Slave Peripheral
37
PHYCol
Y21
AA25
Ethernet
36
PHYCrS
T20
W23
Ethernet
36
PHYRxClk
AA18
AF20
Ethernet
36
[PHYMDIO]EMCMDIO
T17
AD26
Ethernet
36
PHYRxD0
PHYRxD1
PHYRxD2
PHYRxD3
AA13
Y19
Y18
Y17
AE23
AF23
AC20
AD20
Ethernet
36
PHYRxDV
R21
V24
Ethernet
36
PHYRxErr
T22
U24
Ethernet
36
PHYTxClk
C21
E25
Ethernet
36
RAS
R12
AF24
SDRAM
37
RcvrInh
L17
C25
System
40
[Req]PCIGnt0
W23
U23
PCI
35
Signals Listed Alphabetically (Part 8 of 10)
Signal Name
413-Ball
456-Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com