Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC405GP-3BE133CZ Datasheet(PDF) 43 Page - Applied Micro Circuits Corporation

Part # PPC405GP-3BE133CZ
Description  Power PC 405GP Embedded Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GP-3BE133CZ Datasheet(HTML) 43 Page - Applied Micro Circuits Corporation

Back Button PPC405GP-3BE133CZ Datasheet HTML 39Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 40Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 41Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 42Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 43Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 44Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 45Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 46Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 47Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 59 page
background image
405GP – Power PC 405GP Embedded Processor
AMCC
43
Revision 2.03 – September 7, 2007
Data Sheet
Absolute Maximum Ratings
The absolute maximum ratings below are stress ratings only. Operation at or beyond these maximum ratings can cause
permanent damage to the device
Characteristic
Symbol
Value
Unit
Supply Voltage (Internal Logic)
VDD
0 to +2.7
V
Supply Voltage (I/O Interface)
OVDD
0 to +3.6
V
PLL Supply Voltage
AVDD
0 to +2.7
V
Input Voltage (2.5V CMOS receivers)
VIN
-0.6 to VDD + 0.6
V
Input Voltage (3.3V LVTTL receivers)
VIN
-0.6 to OVDD + 0.6
V
Input Voltage (5.0V LVTTL receivers)
VIN
-0.6 to OVDD + 2.4
V
Storage Temperature Range
TSTG
-55 to +150
°C
Case temperature under bias
TC
-40 to +120
°C
Notes:
4. All specified voltages are with respect to GND.
Package Thermal Specifications
The PPC405GP is designed to operate within a case temperature range of -40°C to +85°C. Thermal resistance values for the
E-PBGA packages (leaded and lead-free) in a convection environment are as follows:
Package—Thermal Resistance
Symbol
Airflow
ft/min (m/sec)
Unit
0 (0)
100 (0.51)
200 (1.02)
35mm, 456-balls—Junction-to-Case
θ
JC
222
°C/W
35mm, 456-balls—Case-to-Ambient1
θ
CA
14
13
12
°C/W
27mm, 456-balls—Junction-to-Case
θ
JC
222
°C/W
27mm, 456-balls—Case-to-Ambient1
θ
CA
18
16
15
°C/W
25mm, 413-balls—Junction-to-Case
θ
JC
1.5
1.5
1.5
°C/W
25mm, 413-balls—Case-to-Ambient1
θ
CA
17
15
13
°C/W
Notes:
1. For a chip mounted on a JEDEC 2S2P card without a heat sink.
2. For a chip mounted on a card with at least one signal and two power planes, the following relationships exist:
a. Case temperature, TC, is measured at top center of case surface with device soldered to circuit board.
b. TA = TC – P×θCA, where TA is ambient temperature and P is power consumption.
c. TCMax = TJMax – P×θJC, where TJMax is maximum junction temperature and P is power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com