Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC1112TSTRT Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1112TSTRT
Description  Triple Low Dropout Regulator Controllers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1112TSTRT Datasheet(HTML) 4 Page - Semtech Corporation

  SC1112TSTRT Datasheet HTML 1Page - Semtech Corporation SC1112TSTRT Datasheet HTML 2Page - Semtech Corporation SC1112TSTRT Datasheet HTML 3Page - Semtech Corporation SC1112TSTRT Datasheet HTML 4Page - Semtech Corporation SC1112TSTRT Datasheet HTML 5Page - Semtech Corporation SC1112TSTRT Datasheet HTML 6Page - Semtech Corporation SC1112TSTRT Datasheet HTML 7Page - Semtech Corporation SC1112TSTRT Datasheet HTML 8Page - Semtech Corporation SC1112TSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1112
VTTGATE
VTTIN=1.5V
The delay capacitor does not
begin charging until VTTIN has
reached 1.5V and VTT is above
the powergood threshold of
1.08V.
Once DELAY reaches 1.5V,
the PWRGD signal goes high.
VTTGATE initially turns on
hard, until VTT reaches
regulation. Then VTTGATE
drops to its normal regulating
level.
PWRGD
DELAY
VTT
VTTIN
DELAY=1.5V
NORMAL STARTUP CONDITION
The delay capacitor does not
begin charging until VTTIN has
reached 1.5V and VTT is below
the short circuit threshold of
0.7V.
VTTGATE initially turns on hard
and is latched off when DELAY
reaches 1.5V and VTT is below
0.7V
DELAY
VTT
PWRGD
VTTIN
VTTGATE
VTTIN=1.5V
SHORT-CIRCUIT STARTUP
DELAY=1.5V
Timing Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com