Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC1112TSTRT Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1112TSTRT
Description  Triple Low Dropout Regulator Controllers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1112TSTRT Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC1112TSTRT Datasheet HTML 2Page - Semtech Corporation SC1112TSTRT Datasheet HTML 3Page - Semtech Corporation SC1112TSTRT Datasheet HTML 4Page - Semtech Corporation SC1112TSTRT Datasheet HTML 5Page - Semtech Corporation SC1112TSTRT Datasheet HTML 6Page - Semtech Corporation SC1112TSTRT Datasheet HTML 7Page - Semtech Corporation SC1112TSTRT Datasheet HTML 8Page - Semtech Corporation SC1112TSTRT Datasheet HTML 9Page - Semtech Corporation SC1112TSTRT Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
 2006 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1112
Pin Configuration
Ordering Information
r
e
b
m
u
N
t
r
a
P
)
2
(
)
1
(
e
g
a
k
c
a
P
p
m
e
T
T
(
e
g
n
a
R
J)
R
T
S
2
1
1
1
C
S
6
1
-
O
SC
°
5
2
1
o
t
°
0
T
R
T
S
2
1
1
1
C
S
)
3
(
R
T
S
A
2
1
1
1
C
S
R
T
S
T
2
1
1
1
C
S
6
1
-
P
O
S
S
TC
°
5
2
1
o
t
°
0
T
R
T
S
T
2
1
1
1
C
S
)
3
(
R
T
S
T
A
2
1
1
1
C
S
B
V
E
2
1
1
1
C
Sd
r
a
o
B
n
o
it
a
u
l
a
v
E
Notes:
(1) Only available in tape and reel packaging. A reel contains
2500 devices.
(2) Part Number (SO-16): SC1112STR and SC1112STRT =
1.25V and
SC1112ASTR = 1.2V.
Part Number (TSSOP-16): SC1112TSTR = 1.25V and
SC1112ATSTR = 1.2V.
(3) Pb-free product. This product is fully WEEE and RoHS
compliant.
Top View
(16-Pin SOIC or TSSOP)
PWRGD
5VSTBY
DELAY
VTTSEL
AGPSEL
ADJGATE
ADJSEN
CAP+
GND
VTTIN
VTTGATE
AGPGATE
VTTSEN
AGPSEN
FC
CAP-
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com