Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC1112TSTRT Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1112TSTRT
Description  Triple Low Dropout Regulator Controllers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1112TSTRT Datasheet(HTML) 1 Page - Semtech Corporation

  SC1112TSTRT Datasheet HTML 1Page - Semtech Corporation SC1112TSTRT Datasheet HTML 2Page - Semtech Corporation SC1112TSTRT Datasheet HTML 3Page - Semtech Corporation SC1112TSTRT Datasheet HTML 4Page - Semtech Corporation SC1112TSTRT Datasheet HTML 5Page - Semtech Corporation SC1112TSTRT Datasheet HTML 6Page - Semtech Corporation SC1112TSTRT Datasheet HTML 7Page - Semtech Corporation SC1112TSTRT Datasheet HTML 8Page - Semtech Corporation SC1112TSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC1112
Triple Low Dropout
Regulator Controllers
Features
Applications
Revision: August 30, 2006
Typical Application Circuit
Description
The SC1112 was designed for the latest high speed
motherboards. It includes three low dropout regulator con-
trollers. The controllers provide the power for the system
AGTL bus Termination Voltage, Chipset, and clock circuitry.
An adjustable controller with a 1.2V reference is available,
while two selectable outputs are provided for the VTT
(1.25 V or 1.5V, SC1112) or (1.2V or 1.5V, SC1112A)
and the AGP (1.5V or 3.3V). The SC1112 low dropout
regulators are designed to track the 3.3V power supply
as the VTTIN supply is cycled On and Off. A latched short
circuit protection is also available for the VTT output.
Other features include an integrated charge pump that
provides adequate gate drives for the external MOSFETs,
and a capacitive programable delay for the power good
signal.
Triple linear controllers
Selectable and adjustable output voltages
LDOs track input voltage within 200mV (Function of
the MOSFETs used) until regulation
Integrated charge pump
Programmable power good delay signal
Latched over current protection (VTT)
Pb-free package available, fully WEEE and RoHS
compliant
Pentium® III Motherboards
Triple power supplies
Q1
RA
SC1112/A
PWRGD
DELAY
5VSTBY
VTTSEL
AGPSEL
GND
FC
CAP+
CAP-
VTTGATE
VTTSEN
AGPGATE
AGPSEN
ADJGATE
ADJSEN
VTTIN
ADJ
Q2
C14
330u
C12
330u
AGP SELECT Signal
C8
330u
AGP
C17
0.1u
RB
C16
330u
C3
0.1u
C1
10u
C18
330u
VTT SELECT Signal
POWER GOOD
C5
22n
C10
1u
C13
0.1u
+3.3V
R1
1K
+5V STBY
Q3
C11
0.1u
C9
0.1u
VTT
C6
330u
VTT
C19
330u
C2


Similar Part No. - SC1112TSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1112TSTR SEMTECH-SC1112TSTR Datasheet
338Kb / 21P
Triple Low Dropout Regulator Controllers
More results

Similar Description - SC1112TSTRT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1832 TI-UC1832 Datasheet
733Kb / 8P
Precision Low Dropout Linear Controllers
logo
Semtech Corporation
SC1109 SEMTECH-SC1109 Datasheet
223Kb / 17P
SYNCHRONOUS PWM CONTROLLER WITH DUAL LOW DROPOUT REGULATOR CONTROLLERS
SC1112 SEMTECH-SC1112 Datasheet
338Kb / 21P
Triple Low Dropout Regulator Controllers
logo
Richtek Technology Corp...
RT9174 RICHTEK-RT9174 Datasheet
170Kb / 8P
Triple Linear Regulator Controllers
logo
Semtech Corporation
SC1109 SEMTECH-SC1109_04 Datasheet
368Kb / 19P
Synchronous PWM Controller with Dual Low Dropout Regulator Controllers
logo
Richtek Technology Corp...
RT9174 RICHTEK-RT9174_07 Datasheet
106Kb / 7P
Triple Linear Regulator Controllers
logo
Rohm
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
logo
Richtek Technology Corp...
RT9174 RICHTEK-RT9174_11 Datasheet
115Kb / 7P
Triple Linear Regulator Controllers
logo
Texas Instruments
UC2832DW TI1-UC2832DW Datasheet
1Mb / 20P
Precision Low Dropout Linear Controllers
UC1832 TI1-UC1832_16 Datasheet
1Mb / 18P
Precision Low Dropout Linear Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com