Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC4901ITSTRT Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC4901ITSTRT
Description  COMBI-SYNC Secondary Side Synchronous Rectifier and Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4901ITSTRT Datasheet(HTML) 5 Page - Semtech Corporation

  SC4901ITSTRT Datasheet HTML 1Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 2Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 3Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 4Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 5Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 6Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 7Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 8Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
 2005 Semtech Corp.
www.semtech.com
SC4901
POWER MANAGEMENT
Pin Descriptions
#
n
i
Pe
m
a
N
n
i
Pn
o
i
t
c
n
u
F
n
i
P
1+
S
C
.r
e
if
il
p
m
a
t
n
e
r
r
u
c
l
a
it
n
e
r
e
ff
i
d
e
h
t
o
t
t
u
p
n
i
g
n
it
r
e
v
n
i
n
o
n
e
s
n
e
s
t
n
e
r
r
u
C
.
V
m
0
0
2
s
i
-
S
C
o
t
t
r
w
l
a
it
n
e
r
e
ff
i
d
m
u
m
i
x
a
M
2-
S
C.r
e
if
il
p
m
a
t
n
e
r
r
u
c
l
a
it
n
e
r
e
ff
i
d
e
h
t
o
t
t
u
p
n
i
g
n
it
r
e
v
n
i
e
s
n
e
s
t
n
e
r
r
u
C
3O
A
C
.
n
i
p
s
i
h
t
t
a
V
5
.
2
o
t
t
e
s
s
i
d
l
o
h
s
e
r
h
t
ti
m
il
t
n
e
r
r
u
C
.r
e
if
il
p
m
a
t
n
e
r
r
u
c
l
a
it
n
e
r
e
ff
i
d
e
h
t
f
o
t
u
p
t
u
O
4N
E
S
S
s
e
v
ir
d
e
t
a
g
e
h
t
h
t
o
b
n
w
o
d
t
u
h
s
ll
i
w
V
5
6
.
0
w
o
l
e
b
n
i
p
s
i
h
t
g
n
i
k
a
T
.
n
i
p
e
l
b
a
n
E
d
n
a
t
r
a
t
S
tf
o
S
5C
C
V
A.
V
8
1
o
t
p
u
s
i
g
n
it
a
r
x
a
M
.
e
g
a
tl
o
v
y
l
p
p
u
s
g
o
l
a
n
A
6B
T
U
O.
T
E
F
S
O
M
g
n
i
y
fi
t
c
e
r
e
d
i
s
w
o
l
e
h
t
r
o
f
e
v
ir
d
e
t
a
G
7A
R
F
X
.r
i
a
p
T
E
F
S
O
M
d
r
a
w
r
o
f
l
a
n
o
it
c
e
r
i
d
i
b
e
h
t
f
o
r
e
v
ir
d
e
t
a
g
e
h
t
r
o
f
n
o
it
c
e
n
n
o
c
r
e
m
r
o
f
s
n
a
r
T
.
A
T
U
O
o
t
d
e
s
i
n
o
r
h
c
n
y
s
l
a
n
i
m
r
e
t
r
o
t
c
e
ll
o
c
n
e
p
o
g
n
i
k
n
i
s
t
n
e
r
r
u
c
h
g
i
H
.
n
i
p
s
i
h
t
o
t
r
e
m
r
o
f
s
n
a
r
t
e
v
ir
d
e
t
a
g
e
h
t
f
o
d
n
e
r
e
w
o
l
e
h
t
t
c
e
n
n
o
C
8D
N
G
P.
s
t
n
e
r
r
u
c
e
v
ir
d
e
t
a
g
r
o
f
n
r
u
t
e
r
d
n
u
o
r
G
9C
C
V
P
.
s
ti
u
c
r
i
c
e
v
ir
d
e
t
a
g
e
h
t
r
o
f
y
l
p
p
u
s
r
e
w
o
P
.
D
N
G
P
o
t
r
o
ti
c
a
p
a
c
c
i
m
a
r
e
C
F
u
1
a
d
n
a
c
it
y
l
o
r
t
c
e
l
e
F
u
0
1
f
o
m
u
m
i
n
i
m
a
h
ti
w
s
s
a
p
y
B
0
1A
T
U
O.r
i
a
p
T
E
F
S
O
M
d
r
a
w
r
o
f
l
a
n
o
it
c
e
r
i
d
i
b
e
d
i
s
h
g
i
h
e
h
t
r
o
f
e
v
ir
d
e
t
a
G
1
1F
E
R
.
e
s
u
l
a
n
r
e
t
x
e
r
o
f
V
5
.
2
f
o
e
g
a
tl
o
v
t
u
o
e
c
n
e
r
e
f
e
R
.
n
i
p
e
h
t
m
o
r
f
n
w
a
r
d
e
b
n
a
c
A
m
5
o
t
p
U
2
1-
A
E
V
V
5
7
.
0
s
i
l
e
v
e
l
e
c
n
e
r
e
f
e
R
.t
u
p
n
i
g
n
it
r
e
v
n
i
r
e
if
il
p
m
a
r
o
r
r
e
o
t
k
c
a
b
d
e
e
f
e
s
n
e
s
e
g
a
tl
o
v
t
u
p
t
u
O
3
1A
E
V.
n
o
it
a
s
n
e
p
m
o
c
k
c
a
b
d
e
e
f
r
o
f
t
u
p
t
u
o
r
e
if
il
p
m
a
r
o
r
r
E
4
1T
C
R.r
o
ti
c
a
p
a
c
d
n
a
r
o
t
s
i
s
e
r
g
n
i
m
it
e
h
t
r
o
f
n
i
p
n
o
it
c
e
n
n
o
C
5
1D
C
Z
d
n
a
y
r
a
d
n
o
c
e
s
r
e
m
r
o
f
s
n
a
r
t
e
h
t
f
o
s
n
o
it
i
s
n
a
r
t
e
h
t
s
t
c
e
t
e
D
.t
c
e
t
e
D
r
e
v
o
s
s
o
r
C
o
r
e
Z
.
s
t
n
e
n
o
p
m
o
c
T
C
R
y
b
p
u
t
e
s
p
m
a
r
e
h
t
s
e
s
i
n
o
r
h
c
n
y
s
e
d
i
s
w
o
l
e
h
t
n
o
D
N
G
A
o
t
d
e
p
m
a
l
c
y
ll
a
n
r
e
t
n
I
6
1D
N
G
A.
s
h
t
a
p
n
r
u
t
e
r
l
a
n
g
i
s
e
h
t
ll
a
r
o
f
d
n
u
o
r
G
g
o
l
a
n
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com