Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC4901ITSTRT Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4901ITSTRT
Description  COMBI-SYNC Secondary Side Synchronous Rectifier and Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4901ITSTRT Datasheet(HTML) 1 Page - Semtech Corporation

  SC4901ITSTRT Datasheet HTML 1Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 2Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 3Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 4Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 5Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 6Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 7Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 8Page - Semtech Corporation SC4901ITSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
www.semtech.com
SC4901
COMBI-SYNC Secondary Side
Synchronous Rectifier and Regulator
POWER MANAGEMENT
United States Patent 6,788,554
Revision: May, 2005
Description
Features
Applications
Typical Application Circuit
Single controller performs synchronous rectification
and post regulation
Independent regulation of multiple outputs from a
common secondary winding
Turn on shoot through inherently eliminated
Primary switch turns ON and OFF with zero current
No synchronising or any other signals needed across
the isolation boundary
Eliminates the need for a secondary bias supply
Independent soft start, ON/OFF, remote sense and
current limit for each output
Resistive or inductive current sensing with 2V current
signal and 2.5V reference for external applications.
4.5 to 18V operation
Max operating frequency to 1 MHz
Low profile 16 pin TSSOP package
Based on Semtech’s patented Combi Sync
concept
SC4901 is a unique secondary side regulator designed
for implementing Semtech’s proprietary Combi-Sync
topology for isolated convertors with multiple outputs. The
Combi-Sync is a true all-MOSFET topology that allows
synchronous rectification and post regulation of
transformer isolated outputs, resulting in higher efficiency
and low component count. Details of this unique topology
are described in the Application Information section.
Multiple outputs can be synchronously rectified and
independently regulated by individual SC4901s. Each
output has its own ON/OFF control, soft start, remote sense
and current limits. They can be turned on or off without
affecting the primary or other outputs. The secondary side
control makes it much easier to design tight control loops
and implement load current sharing and hot swap
features. All devices are synchronised to the transformer
winding. The current sense can be either from the output
inductor for high efficiency or a resistor for better accuracy.
An amplified current signal is provided for external use.
Each device is capable of driving high side MOSFETs with
2A current. The forward drive is configured for direct
connection to a 1:1 pulse transformer. SC4901 has an
undervoltage lockout with typical turn-on threshold of 4.5V
and is available in a low cost TSSOP-16 package
Telecom isolated DC to DC converters with multiple
low voltage outputs
High density brick and sub brick modules with
independently regulated multiple outputs
Distributed power architectures
Isolated VRMs
QS
QF
QR
D4
••
T1
L1
C1
C9
C10
C2
C4
RZ
R13
RT
R5
R4
R8
R9
R1
R6
R7
R11
R14
R12
C7
C5
T2
D1
U 1
S C 4901
SINGLE
ENDED
FORWARD
CONVERTOR
CAO
VO U T
C8
R10
RTN
D2
D3
C6
R15
CT
C3
R3
R2


Similar Part No. - SC4901ITSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4905A SEMTECH-SC4905A Datasheet
344Kb / 20P
HIGH PERFORMANCE VOLTAGE MODE PWM CONTROLLER
SC4905A SEMTECH-SC4905A Datasheet
365Kb / 24P
High Performance Voltage Mode PWM Controller
SC4905AIMSTR SEMTECH-SC4905AIMSTR Datasheet
365Kb / 24P
High Performance Voltage Mode PWM Controller
SC4905AIMSTR SEMTECH-SC4905AIMSTR Datasheet
369Kb / 24P
High Performance Voltage Mode PWM Controller
SC4905AIMSTRT SEMTECH-SC4905AIMSTRT Datasheet
365Kb / 24P
High Performance Voltage Mode PWM Controller
More results

Similar Description - SC4901ITSTRT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1584 TI-UC1584 Datasheet
153Kb / 7P
Secondary Side Synchronous Post Regulator
logo
Linear Technology
LT3710 LINER-LT3710 Datasheet
226Kb / 12P
Secondary Side Synchronous Post Regulator
logo
Fairchild Semiconductor
FAN6208 FAIRCHILD-FAN6208 Datasheet
1Mb / 18P
Secondary-Side Synchronous Rectifier Controller
logo
Texas Instruments
LM5115 TI1-LM5115_14 Datasheet
959Kb / 24P
Secondary Side Post Regulator / Synchronous Buck Controller
logo
Linear Technology
LT8309 LINER-LT8309_15 Datasheet
232Kb / 14P
Secondary-Side Synchronous Rectifier Driver
LT3710 LINER-LT3710_15 Datasheet
228Kb / 12P
Secondary Side Synchronous Post Regulator
logo
Texas Instruments
LM5115 TI-LM5115_15 Datasheet
931Kb / 24P
Secondary Side Post Regulator / Synchronous Buck Controller
UC1584 TI1-UC1584_08 Datasheet
179Kb / 8P
Secondary Side Synchronous Post Regulator
logo
ON Semiconductor
FAN6292 ONSEMI-FAN6292 Datasheet
898Kb / 16P
Compact Secondary-Side Synchronous Rectifier Control
February 2017- Rev. 1.0
logo
Grenergy Opto, lnc.
GR8387 GRENERGY-GR8387 Datasheet
601Kb / 11P
Secondary Side Synchronous Rectifier Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com