Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS202DL Datasheet(PDF) 1 Page - STMicroelectronics

Part # LIS202DL
Description  MEMS motion sensor 2-axis - 짹2g/짹8g smart digital output ?쐏iccolo??accelerometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS202DL Datasheet(HTML) 1 Page - STMicroelectronics

  LIS202DL Datasheet HTML 1Page - STMicroelectronics LIS202DL Datasheet HTML 2Page - STMicroelectronics LIS202DL Datasheet HTML 3Page - STMicroelectronics LIS202DL Datasheet HTML 4Page - STMicroelectronics LIS202DL Datasheet HTML 5Page - STMicroelectronics LIS202DL Datasheet HTML 6Page - STMicroelectronics LIS202DL Datasheet HTML 7Page - STMicroelectronics LIS202DL Datasheet HTML 8Page - STMicroelectronics LIS202DL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
36
June 2007
Rev 1
1/36
LIS202DL
MEMS motion sensor
2-axis - ±2g/±8g smart digital output “piccolo” accelerometer
Feature
■ 2.16V to 3.6V supply voltage
■ 1.8V compatible IOs
■ <1mW power consumption
■
±2g/±8g dynamically selectable Full-Scale
■ I2C/SPI digital output interface
■ Programmable interrupt generator
■ Click and double click recognition
■ Embedded high pass filter
■ Embedded self test
■ 10000g high shock survivability
■ ECOPACK® RoHS and “Green” compliant
(see Section 9)
Description
The LIS202DL is an ultra compact low-power two
axes linear accelerometer. It includes a sensing
element and an IC interface able to provide the
measured acceleration to the external world
through I2C/SPI serial interface.
The sensing element, capable of detecting the
acceleration, is manufactured using a dedicated
process developed by ST to produce inertial
sensors and actuators in silicon.
The IC interface is manufactured using a CMOS
process that allows to design a dedicated circuit
which is trimmed to better match the sensing
element characteristics.
The LIS202DL has dynamically user selectable
full scales of
±2g/±8g and it is capable of
measuring accelerations with an output data rate
of 100Hz or 400Hz.
A self-test capability allows the user to check the
functioning of the sensor in the final application.
The device may be configured to generate inertial
wake-up interrupt signals when a programmable
acceleration threshold is crossed at least in one of
the two axes. Thresholds and timing of interrupt
generators are programmable by the end user on
the fly.
The LIS202DL is available in plastic Thin Land
Grid Array package (TLGA) and it is guaranteed
to operate over an extended temperature range
from -40°C to +85°C.
The LIS202DL belongs to a family of products
suitable for a variety of applications:
–
Motion activated functions
–
Gaming and Virtual Reality input
devices
–
Vibration Monitoring and Compensation
LGA-14 (3x5x0.9mm)
Table 1.
Device summary
Part number
Temp range,
° CPackage
Packing
LIS202DL
-40 to +85
LGA
Tray
LIS202DLTR
-40 to +85
LGA
Tape and reel
www.st.com


Similar Part No. - LIS202DL

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
LIS21_N-50-12-300000 HUBERSUHNER-LIS21_N-50-12-300000 Datasheet
65Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight cable jack (female)
LIS21_N-50-5-300000 HUBERSUHNER-LIS21_N-50-5-300000 Datasheet
133Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight cable jack (female)
LIS21_N-50-7-300000 HUBERSUHNER-LIS21_N-50-7-300000 Datasheet
133Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight cable jack (female)
LIS21_N-50-9-300000 HUBERSUHNER-LIS21_N-50-9-300000 Datasheet
133Kb / 2P
COAXIAL CONNECTOR, N, 50 Ohm, Straight cable jack (female)
logo
STMicroelectronics
LIS244AL STMICROELECTRONICS-LIS244AL Datasheet
165Kb / 15P
MEMS motion sensor:2-axis - ±2g ultracompact linear accelerometer
29-Jun-2007
More results

Similar Description - LIS202DL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS302DL STMICROELECTRONICS-LIS302DL Datasheet
276Kb / 29P
MEMS motion sensor 3-axis - 짹2g/짹8g smart digital output piccolo accelerometer
03-Oct-2006
LIS302ALK STMICROELECTRONICS-LIS302ALK Datasheet
160Kb / 14P
MEMS motion sensor 3-axis-±2g analog output "piccolo" accelerometer
30-Oct-2006
LIS244AL STMICROELECTRONICS-LIS244AL Datasheet
165Kb / 15P
MEMS motion sensor:2-axis - ±2g ultracompact linear accelerometer
29-Jun-2007
LIS331DL STMICROELECTRONICS-LIS331DL Datasheet
622Kb / 38P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐍ano??accelerometer
28-Sep-2007
LIS302DL STMICROELECTRONICS-LIS302DL_07 Datasheet
613Kb / 42P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
25-Oct-2007
LIS302SG STMICROELECTRONICS-LIS302SG Datasheet
227Kb / 19P
MEMS motion sensor 3-axis - ±2g analog output -piccolo- accelerometer
05-Mar-2008
LIS331DL STMICROELECTRONICS-LIS331DL_08 Datasheet
647Kb / 42P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output -nano-accelerometer
16-Apr-2008
LIS33DE STMICROELECTRONICS-LIS33DE Datasheet
538Kb / 31P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐍ano??accelerometer
17-Apr-2009
LIS35DE STMICROELECTRONICS-LIS35DE Datasheet
656Kb / 39P
MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
29-Apr-2009
LIS302DL STMICROELECTRONICS-LIS302DL_08 Datasheet
608Kb / 42P
MEMS motion sensor 3-axis - ± 2g/± 8g smart digital output ?쐏iccolo??accelerometer
21-Oct-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com