Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F272Z2Q3 Datasheet(PDF) 121 Page - STMicroelectronics

Part # ST10F272Z2Q3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2Q3 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button ST10F272Z2Q3 Datasheet HTML 117Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 118Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 119Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 120Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 121Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 122Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 123Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 124Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 179 page
background image
ST10F272
Register set
121/179
CAN2IF2A1
EE48h
CAN2: IF2 arbitration 1
0000h
CAN2IF2A2
EE4Ah
CAN2: IF2 arbitration 2
0000h
CAN2IF2CM
EE42h
CAN2: IF2 command mask
0000h
CAN2IF2CR
EE40h
CAN2: IF2 command request
0001h
CAN2IF2DA1
EE4Eh
CAN2: IF2 data A 1
0000h
CAN2IF2DA2
EE50h
CAN2: IF2 data A 2
0000h
CAN2IF2DB1
EE52h
CAN2: IF2 data B 1
0000h
CAN2IF2DB2
EE54h
CAN2: IF2 data B 2
0000h
CAN2IF2M1
EE44h
CAN2: IF2 mask 1
FFFFh
CAN2IF2M2
EE46h
CAN2: IF2 mask 2
FFFFh
CAN2IF2MC
EE4Ch
CAN2: IF2 message control
0000h
CAN2IP1
EEA0h
CAN2: interrupt pending 1
0000h
CAN2IP2
EEA2h
CAN2: interrupt pending 2
0000h
CAN2IR
EE08h
CAN2: interrupt register
0000h
CAN2MV1
EEB0h
CAN2: message valid 1
0000h
CAN2MV2
EEB2h
CAN2: message valid 2
0000h
CAN2ND1
EE90h
CAN2: new data 1
0000h
CAN2ND2
EE92h
CAN2: new data 2
0000h
CAN2SR
EE02h
CAN2: status register
0000h
CAN2TR
EE0Ah
CAN2: test register
00x0h
CAN2TR1
EE80h
CAN2: transmission request 1
0000h
CAN2TR2
EE82h
CAN2: Transmission request 2
0000h
I2CCCR1
EA06h
I2C clock control register 1
0000h
I2CCCR2
EA0Eh
I2C clock control register 2
0000h
I2CCR
EA00h
I2C control register
0000h
I2CDR
EA0Ch
I2C data register
0000h
I2COAR1
EA08h
I2C own address register 1
0000h
I2COAR2
EA0Ah
I2C own address register 2
0000h
I2CSR1
EA02h
I2C status register 1
0000h
I2CSR2
EA04h
I2C status register 2
0000h
RTCAH
ED14h
RTC alarm register high byte
XXXXh
RTCAL
ED12h
RTC alarm register low byte
XXXXh
RTCCON
ED00H
RTC control register
000Xh
RTCDH
ED0Ch
RTC divider counter high byte
XXXXh
Table 53.
List of XBus registers (continued)
Name
Physical
address
Description
Reset
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com