Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F272Z2Q3 Datasheet(PDF) 119 Page - STMicroelectronics

Part # ST10F272Z2Q3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2Q3 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button ST10F272Z2Q3 Datasheet HTML 115Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 116Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 117Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 118Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 119Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 120Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 121Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 122Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 179 page
background image
ST10F272
Register set
119/179
Note:
1. The system configuration is selected during reset. SYSCON reset value is 0000 0xx0
x000 0000b.
2. Reset Value depends on different triggered reset event.
3. The XPnIC Interrupt Control Registers control interrupt requests from integrated X-Bus
peripherals. Some software controlled interrupt requests may be generated by setting the
XPnIR bits (of XPnIC register) of the unused X-Peripheral nodes.
23.2
X-registers
The following table lists all X-Bus registers which are implemented in the ST10F272 ordered
by their name. The FLASH control registers are listed in a separate section, in spite of they
also are physically mapped on X-Bus memory space.
Note:
The X-Registers are not bit-addressable.
XPERCON b
F024h
E
12h
XPER configuration register
- - 05h
ZEROS
b
FF1Ch
8Eh
Constant value 0’s register (read only)
0000h
Table 52.
List of special function registers (continued)
Name
Physical
address
8-bit
address
Description
Reset
value
Table 53.
List of XBus registers
Name
Physical
address
Description
Reset
value
CAN1BRPER
EF0Ch
CAN1: BRP extension register
0000h
CAN1BTR
EF06h
CAN1: Bit timing register
2301h
CAN1CR
EF00h
CAN1: CAN control register
0001h
CAN1EC
EF04h
CAN1: error counter
0000h
CAN1IF1A1
EF18h
CAN1: IF1 arbitration 1
0000h
CAN1IF1A2
EF1Ah
CAN1: IF1 arbitration 2
0000h
CAN1IF1CM
EF12h
CAN1: IF1 command mask
0000h
CAN1IF1CR
EF10h
CAN1: IF1 command request
0001h
CAN1IF1DA1
EF1Eh
CAN1: IF1 data A 1
0000h
CAN1IF1DA2
EF20h
CAN1: IF1 data A 2
0000h
CAN1IF1DB1
EF22h
CAN1: IF1 data B 1
0000h
CAN1IF1DB2
EF24h
CAN1: IF1 data B 2
0000h
CAN1IF1M1
EF14h
CAN1: IF1 mask 1
FFFFh
CAN1IF1M2
EF16h
CAN1: IF1 mask 2
FFFFh
CAN1IF1MC
EF1Ch
CAN1: IF1 message control
0000h
CAN1IF2A1
EF48h
CAN1: IF2 arbitration 1
0000h
CAN1IF2A2
EF4Ah
CAN1: IF2 arbitration 2
0000h
CAN1IF2CM
EF42h
CAN1: IF2 command mask
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com