Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F272Z2Q3 Datasheet(PDF) 116 Page - STMicroelectronics

Part # ST10F272Z2Q3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2Q3 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button ST10F272Z2Q3 Datasheet HTML 112Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 113Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 114Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 115Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 116Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 117Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 118Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 119Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 179 page
background image
Register set
ST10F272
116/179
ODP7
b
F1D2h
E
E9h
Port 7 open drain control register
- - 00h
ODP8
b
F1D6h
E
EBh
Port 8 open drain control register
- - 00h
ONES
b
FF1Eh
8Fh
Constant value 1’s register (read only)
FFFFh
P0L
b
FF00h
80h
PORT0 low register (lower half of PORT0)
- - 00h
P0H
b
FF02h
81h
PORT0 high register (upper half of PORT0)
- - 00h
P1L
b
FF04h
82h
PORT1 low register (lower half of PORT1)
- - 00h
P1H
b
FF06h
83h
PORT1 high register (upper half of PORT1)
- - 00h
P2
b
FFC0h
E0h
Port 2 register
0000h
P3
b
FFC4h
E2h
Port 3 register
0000h
P4
b
FFC8h
E4h
Port 4 register (8-bit)
- - 00h
P5
b
FFA2h
D1h
Port 5 register (read only)
XXXXh
P6
b
FFCCh
E6h
Port 6 register (8-bit)
- - 00h
P7
b
FFD0h
E8h
Port 7 register (8-bit)
- - 00h
P8
b
FFD4h
EAh
Port 8 register (8-bit)
- - 00h
P5DIDIS
b
FFA4h
D2h
Port 5 digital disable register
0000h
PECC0
FEC0h
60h
PEC channel 0 control register
0000h
PECC1
FEC2h
61h
PEC channel 1 control register
0000h
PECC2
FEC4h
62h
PEC channel 2 control register
0000h
PECC3
FEC6h
63h
PEC channel 3 control register
0000h
PECC4
FEC8h
64h
PEC channel 4 control register
0000h
PECC5
FECAh
65h
PEC channel 5 control register
0000h
PECC6
FECCh
66h
PEC channel 6 control register
0000h
PECC7
FECEh
67h
PEC channel 7 control register
0000h
PICON
b
F1C4h
E
E2h
Port input threshold control register
- - 00h
PP0
F038h
E
1Ch
PWM module period register 0
0000h
PP1
F03Ah
E
1Dh
PWM module period register 1
0000h
PP2
F03Ch
E
1Eh
PWM module period register 2
0000h
PP3
F03Eh
E
1Fh
PWM module period register 3
0000h
PSW
b
FF10h
88h
CPU program status word
0000h
PT0
F030h
E
18h
PWM module up/down counter 0
0000h
PT1
F032h
E
19h
PWM module up/down counter 1
0000h
PT2
F034h
E
1Ah
PWM module up/down counter 2
0000h
PT3
F036h
E
1Bh
PWM module up/down counter 3
0000h
PW0
FE30h
18h
PWM module pulse width register 0
0000h
Table 52.
List of special function registers (continued)
Name
Physical
address
8-bit
address
Description
Reset
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com