Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F272Z2Q3 Datasheet(PDF) 115 Page - STMicroelectronics

Part # ST10F272Z2Q3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2Q3 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button ST10F272Z2Q3 Datasheet HTML 111Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 112Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 113Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 114Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 115Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 116Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 117Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 118Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 179 page
background image
ST10F272
Register set
115/179
DP0H
b
F102h
E
81h
P0h direction control register
- - 00h
DP1L
b
F104h
E
82h
P1L direction control register
- - 00h
DP1H
b
F106h
E
83h
P1h direction control register
- - 00h
DP2
b
FFC2h
E1h
Port 2 direction control register
0000h
DP3
b
FFC6h
E3h
Port 3 direction control register
0000h
DP4
b
FFCAh
E5h
Port 4 direction control register
- - 00h
DP6
b
FFCEh
E7h
Port 6 direction control register
- - 00h
DP7
b
FFD2h
E9h
Port 7 direction control register
- - 00h
DP8
b
FFD6h
EBh
Port 8 direction control register
- - 00h
DPP0
FE00h
00h
CPU data page pointer 0 register (10-bit)
0000h
DPP1
FE02h
01h
CPU data page pointer 1 register (10-bit)
0001h
DPP2
FE04h
02h
CPU data page pointer 2 register (10-bit)
0002h
DPP3
FE06h
03h
CPU data page pointer 3 register (10-bit)
0003h
EMUCON
FE0Ah
05h
Emulation control register
- - XXh
EXICON
b
F1C0h
E
E0h
External interrupt control register
0000h
EXISEL
b
F1DAh
E
EDh
External interrupt source selection register
0000h
IDCHIP
F07Ch
E
3Eh
Device identifier register (n is the device revision)
110nh
IDMANUF
F07Eh
E
3Fh
Manufacturer identifier register
0403h
IDMEM
F07Ah
E
3Dh
On-chip memory identifier register
3040h
IDPROG
F078h
E
3Ch
Programming voltage identifier register
0040h
IDX0
b
FF08h
84h
MAC unit address pointer 0
0000h
IDX1
b
FF0Ah
85h
MAC unit address pointer 1
0000h
MAH
FE5Eh
2Fh
MAC unit accumulator - high word
0000h
MAL
FE5Ch
2Eh
MAC unit accumulator - low word
0000h
MCW
b
FFDCh
EEh
MAC unit control word
0000h
MDC
b
FF0Eh
87h
CPU multiply divide control register
0000h
MDH
FE0Ch
06h
CPU multiply divide register – high word
0000h
MDL
FE0Eh
07h
CPU multiply divide register – low word
0000h
MRW
b
FFDAh
EDh
MAC unit repeat word
0000h
MSW
b
FFDEh
EFh
MAC unit status word
0200h
ODP2
b
F1C2h
E
E1h
Port 2 open drain control register
0000h
ODP3
b
F1C6h
E
E3h
Port 3 open drain control register
0000h
ODP4
b
F1CAh
E
E5h
Port 4 open drain control register
- - 00h
ODP6
b
F1CEh
E
E7h
Port 6 open drain control register
- - 00h
Table 52.
List of special function registers (continued)
Name
Physical
address
8-bit
address
Description
Reset
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com