Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC8122 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MSC8122
Description  Quad Core 16-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8122 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MSC8122 Datasheet HTML 24Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 25Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 26Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 27Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 28Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 29Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 30Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 31Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 88 page
background image
MSC8122 Technical Data, Rev. 13
1-18
Freescale Semiconductor
Signals/Connections
GPIO7
TDM3RCLK
IRQ5
ETHTXD3
Input/ Output
Input/ Output
Input
Output
General-Purpose Input Output 7
One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. For
details, refer to the MSC8122 Reference Manual GPIO programming model.
TDM3 Receive Clock
The receive clock signal for TDM 3. As an output, this can be the DATA_C data signal for TDM 3. For
configuration details, refer to the MSC8122 Reference Manual chapter describing TDM operation.
Interrupt Request 5
One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the
SC140 core.
Ethernet Transmit Data 3
For MII mode only, bit 3 of the Ethernet transmit data.
GPIO8
TDM3RDAT
IRQ6
ETHCOL
Input/ Output
Input/ Output
Input
Input
General-Purpose Input Output 8
One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. For
details, refer to the MSC8122 Reference Manual GPIO programming model.
TDM3 Serial Receiver Data
The receive data signal for TDM 3. As an input, this can be the DATA_A data signal for TDM 3. For
configuration details, refer to the MSC8122 Reference Manual chapter describing TDM operation.
Interrupt Request 6
One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the
SC140 core.
Ethernet Collision
For MII mode only, indicates whether a collision was detected.
GPIO9
TDM2TSYN
IRQ7
ETHMDIO
Input/ Output
Input/ Output
Input
Input/ Output
General-Purpose Input Output 9
One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. For
details, refer to the MSC8122 Reference Manual GPIO programming model.
TDM2 Transmit frame Sync
Transmit Frame Sync for TDM 2.
Interrupt Request 7
One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the
SC140 core.
Ethernet Management Data
Station management data input/output line in MII, RMII, and SMII modes.
GPIO10
TDM2TCLK
IRQ8
ETHRX_DV
ETHCRS_DV
NC
Input/ Output
Input
Input
Input
Input
Input
General-Purpose Input Output 10
One of 32 GPIO pins used as GPIO or as one of two dedicated inputs or one of two dedicated outputs. For
details, refer to the MSC8122 Reference Manual GPIO programming model.
TDM 2 Transmit Clock
Transmit Clock for TDM 2.
Interrupt Request 8
One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the
SC140 core.
Ethernet Receive Data Valid
In MII mode, this signal indicates that the receive data is valid.
Ethernet Carrier Sense/Receive Data Valid
In RMII mode, this signal indicates that a carrier is sense or that the receive data is valid.
Not Connected
For SMII mode, this signal must be left unconnected.
Table 1-7.
GPIO, TDM, UART, Ethernet, and Timer Signals (Continued)
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com