Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC8122 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MSC8122
Description  Quad Core 16-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MSC8122 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MSC8122 Datasheet HTML 16Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 17Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 18Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 19Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 20Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 21Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 22Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 23Page - Freescale Semiconductor, Inc MSC8122 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 88 page
background image
MSC8122 Technical Data, Rev. 13
1-10
Freescale Semiconductor
Signals/Connections
TT1
Input/ Output Bus Transfer Type 1
The bus master drives this pins during the address tenure to specify the type of the transaction. Some
applications use only the TT1 signal, for example, from MSC8122 to MSC8122 or MSC8122 to MSC8101
and vice versa. In these applications, TT1 functions as read/write signal.
TT[2–4]
CS[5–7]
Input/ Output
Output
Bus Transfer Type 2–4
The bus master drives these pins during the address tenure to specify the type of the transaction.
Chip Select 5–7
Enables specific memory devices or peripherals connected to the system bus.
CS[0–4]
Output
Chip Select 0–4
Enables specific memory devices or peripherals connected to the system bus.
TSZ[0–3]
Input/ Output
Transfer Size 0–3
The bus master drives these pins with a value indicating the number of bytes transferred in the current
transaction.
TBST
Input/ Output Bus Transfer Burst
The bus master asserts this pin to indicate that the current transaction is a burst transaction (transfers
eight words).
IRQ1
GBL
Input
Output
Interrupt Request 11
One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the
SC140 core.
Global1
When a master within the MSC8122 initiates a bus transaction, it drives this pin. Assertion of this pin
indicates that the transfer is global and should be snooped by caches in the system.
IRQ3
BADDR31
Input
Output
Interrupt Request 31
One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the
SC140 core.
Burst Address 311
Five burst address output pins are outputs of the memory controller. These pins connect directly to
burstable memory devices without internal address incrementors controlled by the MSC8122 memory
controller.
IRQ2
BADDR30
Input
Output
Interrupt Request 21
One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the
SC140 core.
Burst Address 301
Five burst address output pins are outputs of the memory controller. These pins connect directly to
burstable memory devices without internal address incrementors controlled by the MSC8122 memory
controller.
IRQ5
BADDR29
Input
Output
Interrupt Request 51
One of fifteen external lines that can request a service routine, via the internal interrupt controller, from the
SC140 core.
Bus Burst Address 291
Five burst address output pins are outputs of the memory controller. These pins connect directly to
burstable memory devices without internal address incrementors controlled by the MSC8122 memory
controller.
BADDR28
Output
Burst Address 28
Five burst address output pins are outputs of the memory controller. These pins connect directly to
burstable memory devices without internal address incrementors controlled by the MSC8122 memory
controller.
BADDR27
Output
Burst Address 27
Five burst address output pins are outputs of the memory controller. These pins connect directly to
burstable memory devices without internal address incrementors controlled by the MSC8122 memory
controller.
Table 1-5.
DSI, System Bus, Ethernet, and Interrupt Signals (Continued)
Signal Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com