Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7263BE1M1 Datasheet(PDF) 64 Page - STMicroelectronics

Part # ST7263BE1M1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BE1M1 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button ST7263BE1M1 Datasheet HTML 60Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 61Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 62Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 63Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 64Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 65Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 66Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 67Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
64/145
12.3 Serial communications interface (SCI)
12.3.1 Introduction
The Serial Communications Interface (SCI) offers
a flexible means of full-duplex data exchange with
external equipment requiring an industry standard
NRZ asynchronous serial data format. The SCI of-
fers a very wide range of baud rates using two
baud rate generator systems.
12.3.2 Main features
■
Full duplex, asynchronous communications
■
NRZ standard format (Mark/Space)
■
Independently
programmable
transmit
and
receive baud rates up to 250K baud.
■
Programmable data word length (8 or 9 bits)
■
Receive buffer full, Transmit buffer empty and
End of Transmission flags
■
Two receiver wake-up modes:
– Address bit (MSB)
– Idle line
■
Muting function for multiprocessor configurations
■
Separate enable bits for Transmitter and
Receiver
■
Four error detection flags:
– Overrun error
– Noise error
– Frame error
– Parity error
■
Six interrupt sources with flags:
– Transmit data register empty
– Transmission complete
– Receive data register full
– Idle line received
– Overrun error detected
– Parity error
■
Parity control:
– Transmits parity bit
– Checks parity of received data byte
■
Reduced power consumption mode
12.3.3 General description
The interface is externally connected to another
device by two pins (see Figure 39):
– TDO: Transmit Data Output. When the transmit-
ter and the receiver are disabled, the output pin
returns to its I/O port configuration. When the
transmitter and/or the receiver are enabled and
nothing is to be transmitted, the TDO pin is at
high level.
– RDI: Receive Data Input is the serial data input.
Oversampling techniques are used for data re-
covery by discriminating between valid incoming
data and noise.
Through these pins, serial data is transmitted and
received as frames comprising:
– An Idle Line prior to transmission or reception
– A start bit
– A data word (8 or 9 bits) least significant bit first
– A Stop bit indicating that the frame is complete.
This interface uses two types of baud rate generator:
– A conventional type for commonly-used baud
rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com