Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7263BE1M1 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST7263BE1M1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BE1M1 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST7263BE1M1 Datasheet HTML 20Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 21Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 22Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 23Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 24Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 25Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 26Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 27Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
24/145
7 Reset and clock management
7.1 Reset
The Reset procedure is used to provide an orderly
software start-up or to exit low power modes.
Three reset modes are provided: a low voltage
(LVD) reset, a watchdog reset and an external re-
set at the RESET pin.
A reset causes the reset vector to be fetched from
addresses FFFEh and FFFFh in order to be loaded
into the PC and with program execution starting
from this point.
An internal circuitry provides a 4096 CPU clock cy-
cle delay from the time that the oscillator becomes
active.
7.1.1 Low voltage detector (LVD)
Low voltage reset circuitry generates a reset when
VDD is:
■
below VIT+ when VDD is rising,
■
below VIT- when VDD is falling.
During low voltage reset, the RESET pin is held low,
thus permitting the MCU to reset other devices.
It is recommended to make sure that the VDD sup-
ply voltage rises monotonously when the device is
exiting from Reset, to ensure the application func-
tions properly.
7.1.2 Watchdog reset
When a watchdog reset occurs, the RESET pin is
pulled low permitting the MCU to reset other devic-
es in the same way as the low voltage reset (Fig-
ure 12).
7.1.3 External reset
The external reset is an active low input signal ap-
plied to the RESET pin of the MCU.
As shown in Figure 15, the RESET signal must
stay low for a minimum of one and a half CPU
clock cycles.
An internal Schmitt trigger at the RESET pin is pro-
vided to improve noise immunity.
Figure 12. Low voltage detector functional diagram
Figure 13. Low voltage reset signal output
Note: Hysteresis (VIT+-VIT-) = Vhys
Figure 14. Temporization timing diagram after an internal Reset
LOW VOLTAGE
VDD
FROM
WATCHDOG
RESET
RESET
INTERNAL
DETECTOR
RESET
RESET
VDD
VIT+
VIT-
VDD
Addresses
$FFFE
Temporization (4096 CPU clock cycles)
VIT+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com