Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7263BE1M1 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST7263BE1M1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BE1M1 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST7263BE1M1 Datasheet HTML 26Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 27Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 28Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 29Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 30Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 31Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 32Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 33Page - STMicroelectronics ST7263BE1M1 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
30/145
9 Power saving modes
9.1 Introduction
To give a large measure of flexibility to the applica-
tion in terms of power consumption, two main pow-
er saving modes are implemented in the ST7.
After a RESET, the normal operating mode is se-
lected by default (Run mode). This mode drives
the device (CPU and embedded peripherals) by
means of a master clock which is based on the
main oscillator frequency divided by 3 (fCPU).
From Run mode, the different power saving
modes may be selected by setting the relevant
register bits or by calling the specific ST7 software
instruction whose action depends on the oscillator
status.
9.2 Halt mode
The MCU consumes the least amount of power in
Halt mode. The Halt mode is entered by executing
the HALT instruction. The internal oscillator is then
turned off, causing all internal processing to be
stopped, including the operation of the on-chip pe-
ripherals.
When entering Halt mode, the I bit in the Condition
Code Register is cleared. Thus, all external inter-
rupts (ITi or USB end suspend mode) are allowed
and if an interrupt occurs, the CPU clock becomes
active.
The MCU can exit Halt mode on reception of either
an external interrupt on ITi, an end suspend mode
interrupt coming from USB peripheral, or a reset.
The oscillator is then turned on and a stabilization
time is provided before releasing CPU operation.
The stabilization time is 4096 CPU clock cycles.
After the start up delay, the CPU continues opera-
tion by servicing the interrupt which wakes it up or
by fetching the reset vector if a reset wakes it up.
Figure 20. Halt mode flowchart
N
N
EXTERNAL
INTERRUPT*
RESET
HALT INSTRUCTION
4096 CPU CLOCK
FETCH RESET VECTOR
OR SERVICE INTERRUPT
CYCLES DELAY
CPU CLOCK
OSCILLATOR
PERIPH. CLOCK
I-BIT
ON
ON
SET
ON
CPU CLOCK
OSCILLATOR
PERIPH. CLOCK
I-BIT
OFF
OFF
CLEARED
OFF
Y
Y
Note: Before servicing an interrupt, the CC register is
pushed on the stack. The I-Bit is set during the inter-
rupt routine and cleared when the CC register is
popped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com