Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS54386PWPR Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54386PWPR
Description  3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54386PWPR Datasheet(HTML) 36 Page - Texas Instruments

Back Button TPS54386PWPR Datasheet HTML 32Page - Texas Instruments TPS54386PWPR Datasheet HTML 33Page - Texas Instruments TPS54386PWPR Datasheet HTML 34Page - Texas Instruments TPS54386PWPR Datasheet HTML 35Page - Texas Instruments TPS54386PWPR Datasheet HTML 36Page - Texas Instruments TPS54386PWPR Datasheet HTML 37Page - Texas Instruments TPS54386PWPR Datasheet HTML 38Page - Texas Instruments TPS54386PWPR Datasheet HTML 39Page - Texas Instruments TPS54386PWPR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
www.ti.com
FB
OUT1
FB
V
R2
R4
V
V
´
=
-
(32)
FB
OUT2
FB
V
R9
R7
V
V
´
=
-
(33)
Compensation Capacitors
fESR(zero)
1
2
C
ESR
=
´ p ´
´
(34)
f
f
ZERO(desired)
ESR(zero)
R4
R5
1
=
æ
ö
æ
ö
ç
÷
-
ç
÷
ç
÷
ç
÷
è
ø
è
ø
(35)
EQ
1
R
R5
1
1
R2
R4
=
+
æ
ö
æ
ö æ
ö
+
ç
÷
ç
÷ ç
÷
è
ø è
ø
è
ø
(36)
f
EQ
ESR(zero)
1
C8
2
R
=
´ p ´
´
(37)
Input Capacitor Selection
TPS54383,, TPS54386
SLUS774B – AUGUST 2007 – REVISED OCTOBER 2007
• R2 = R9 = 20 kΩ
• V
FB = 0.80 V
• R4= 3.80 kΩ (3.83 kΩ standard value is used)
• R7= 6.40 kΩ (6.34 kΩ standard value is used)
Checking the ESR zero of the output capacitors:
• C = 100 µF
• ESR = 400 mΩ
• ESR(zero) = 3980 Hz
Since the ESR zero of the main output capacitor is less than 20 kHz, an R-C filter is added in parallel with R4
and R7 to compensate for the electrolytic capacitors' ESR and add a zero approximately 40 kHz.
• f
ESR(zero) = 4 kHz
• f
ESR(desired) = 40 kHz
• R4 = 3.83 kΩ
• R5 = 424Ω (422Ω selected)
• R7 = 6.34 kΩ
• R8 = 702Ω (698Ω selected)
• R2 = R9 = 20 kΩ
• R
EQ1 = 3.63 kΩ
• R
EQ2 = 5.51 kΩ
• C8 = 10.9 nF (10 nF selected)
• C15 = 7.22 nF (6800 pF selected)
The TPS54383 datasheet recommends a minimum 10-
µF ceramic input capacitor on each PVDD pin. These
capacitor must be capable of handling the RMS ripple current of the converter. The RMS current in the input
capacitors is estimated by Equation 38.
36
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS54383 TPS54386



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com