Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 483 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 483 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 479Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 480Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 481Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 482Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 483Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 484Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 485Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 486Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 487Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 483 / 1350 page
background image
Chapter 11 Serial Communication Interface (S12SCIV5)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
483
11.3.2.2
SCI Control Register 1 (SCICR1)
Read: Anytime, if AMAP = 0.
Write: Anytime, if AMAP = 0.
NOTE
This register is only visible in the memory map if AMAP = 0 (reset
condition).
Table 11-2. IRSCI Transmit Pulse Width
TNP[1:0]
Narrow Pulse Width
11
1/4
10
1/32
01
1/16
00
3/16
76543210
R
LOOPS
SCISWAI
RSRC
M
WAKE
ILT
PE
PT
W
Reset
00000000
Figure 11-5. SCI Control Register 1 (SCICR1)
Table 11-3. SCICR1 Field Descriptions
Field
Description
7
LOOPS
Loop Select Bit — LOOPS enables loop operation. In loop operation, the RXD pin is disconnected from the SCI
and the transmitter output is internally connected to the receiver input. Both the transmitter and the receiver must
be enabled to use the loop function.
0 Normal operation enabled
1 Loop operation enabled
The receiver input is determined by the RSRC bit.
6
SCISWAI
SCI Stop in Wait Mode Bit — SCISWAI disables the SCI in wait mode.
0 SCI enabled in wait mode
1 SCI disabled in wait mode
5
RSRC
Receiver Source Bit — When LOOPS = 1, the RSRC bit determines the source for the receiver shift register
input. See Table 11-4.
0 Receiver input internally connected to transmitter output
1 Receiver input connected externally to transmitter
4
M
Data Format Mode Bit — MODE determines whether data characters are eight or nine bits long.
0 One start bit, eight data bits, one stop bit
1 One start bit, nine data bits, one stop bit
3
WAKE
Wakeup Condition Bit — WAKE determines which condition wakes up the SCI: a logic 1 (address mark) in the
most significant bit position of a received data character or an idle condition on the RXD pin.
0 Idle line wakeup
1 Address mark wakeup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com