Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 484 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 484 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 480Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 481Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 482Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 483Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 484Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 485Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 486Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 487Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 488Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 484 / 1350 page
background image
Chapter 11 Serial Communication Interface (S12SCIV5)
MC9S12XDP512 Data Sheet, Rev. 2.17
484
Freescale Semiconductor
2
ILT
Idle Line Type Bit — ILT determines when the receiver starts counting logic 1s as idle character bits. The
counting begins either after the start bit or after the stop bit. If the count begins after the start bit, then a string of
logic 1s preceding the stop bit may cause false recognition of an idle character. Beginning the count after the
stop bit avoids false idle character recognition, but requires properly synchronized transmissions.
0 Idle character bit count begins after start bit
1 Idle character bit count begins after stop bit
1
PE
Parity Enable Bit — PE enables the parity function. When enabled, the parity function inserts a parity bit in the
most significant bit position.
0 Parity function disabled
1 Parity function enabled
0
PT
Parity Type Bit — PT determines whether the SCI generates and checks for even parity or odd parity. With even
parity, an even number of 1s clears the parity bit and an odd number of 1s sets the parity bit. With odd parity, an
odd number of 1s clears the parity bit and an even number of 1s sets the parity bit.
1 Even parity
1 Odd parity
Table 11-4. Loop Functions
LOOPS
RSRC
Function
0
x
Normal operation
1
0
Loop mode with transmitter output internally connected to receiver input
1
1
Single-wire mode with TXD pin connected to receiver input
Table 11-3. SCICR1 Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com