Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 487 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 487 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 483Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 484Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 485Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 486Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 487Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 488Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 489Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 490Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 491Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 487 / 1350 page
background image
Chapter 11 Serial Communication Interface (S12SCIV5)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
487
11.3.2.5
SCI Alternative Control Register 2 (SCIACR2)
Read: Anytime, if AMAP = 1
Write: Anytime, if AMAP = 1
76543210
R
00000
BERRM1
BERRM0
BKDFE
W
Reset
00000000
= Unimplemented or Reserved
Figure 11-8. SCI Alternative Control Register 2 (SCIACR2)
Table 11-7. SCIACR2 Field Descriptions
Field
Description
2:1
BERRM[1:0]
Bit Error Mode — Those two bits determines the functionality of the bit error detect feature. See Table 11-8.
0
BKDFE
Break Detect Feature Enable — BKDFE enables the break detect circuitry.
0 Break detect circuit disabled
1 Break detect circuit enabled
Table 11-8. Bit Error Mode Coding
BERRM1
BERRM0
Function
0
0
Bit error detect circuit is disabled
0
1
Receive input sampling occurs during the 9th time tick of a transmitted bit
(refer to Figure 11-19)
1
0
Receive input sampling occurs during the 13th time tick of a transmitted bit
(refer to Figure 11-19)
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com