Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 485 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 485 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 481Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 482Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 483Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 484Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 485Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 486Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 487Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 488Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 489Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 485 / 1350 page
background image
Chapter 11 Serial Communication Interface (S12SCIV5)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
485
11.3.2.3
SCI Alternative Status Register 1 (SCIASR1)
Read: Anytime, if AMAP = 1
Write: Anytime, if AMAP = 1
76543210
R
RXEDGIF
0
0
0
0
BERRV
BERRIF
BKDIF
W
Reset
00000000
= Unimplemented or Reserved
Figure 11-6. SCI Alternative Status Register 1 (SCIASR1)
Table 11-5. SCIASR1 Field Descriptions
Field
Description
7
RXEDGIF
Receive Input Active Edge Interrupt Flag — RXEDGIF is asserted, if an active edge (falling if RXPOL = 0,
rising if RXPOL = 1) on the RXD input occurs. RXEDGIF bit is cleared by writing a “1” to it.
0 No active receive on the receive input has occurred
1 An active edge on the receive input has occurred
2
BERRV
Bit Error Value — BERRV reflects the state of the RXD input when the bit error detect circuitry is enabled and
a mismatch to the expected value happened. The value is only meaningful, if BERRIF = 1.
0 A low input was sampled, when a high was expected
1 A high input reassembled, when a low was expected
1
BERRIF
Bit Error Interrupt Flag — BERRIF is asserted, when the bit error detect circuitry is enabled and if the value
sampled at the RXD input does not match the transmitted value. If the BERRIE interrupt enable bit is set an
interrupt will be generated. The BERRIF bit is cleared by writing a “1” to it.
0 No mismatch detected
1 A mismatch has occurred
0
BKDIF
Break Detect Interrupt Flag — BKDIF is asserted, if the break detect circuitry is enabled and a break signal is
received. If the BKDIE interrupt enable bit is set an interrupt will be generated. The BKDIF bit is cleared by writing
a “1” to it.
0 No break signal was received
1 A break signal was received



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com