Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STEVAL-MKI109D Datasheet(PDF) 5 Page - STMicroelectronics

Part # STEVAL-MKI109D
Description  Professional MEMS tool: evaluation board for all ST MEMS sensors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-MKI109D Datasheet(HTML) 5 Page - STMicroelectronics

  STEVAL-MKI109D Datasheet HTML 1Page - STMicroelectronics STEVAL-MKI109D Datasheet HTML 2Page - STMicroelectronics STEVAL-MKI109D Datasheet HTML 3Page - STMicroelectronics STEVAL-MKI109D Datasheet HTML 4Page - STMicroelectronics STEVAL-MKI109D Datasheet HTML 5Page - STMicroelectronics STEVAL-MKI109D Datasheet HTML 6Page - STMicroelectronics STEVAL-MKI109D Datasheet HTML 7Page - STMicroelectronics STEVAL-MKI109D Datasheet HTML 8Page - STMicroelectronics STEVAL-MKI109D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Figure 4. STEVAL-MKI109D circuit schematic (4 of 11)
10k
R35
3k3
R39
100k
R38
GND
GND
GND
100k
R32
Sense_Hi
Sense_Lo_ampl
10k
R37
100pF
C18
100pF
C14
5
T1B
2
T1A
BCM847
2k4
R40
4.3V_A
4.3V_A
Idd measurement - log
ADC_log_I_A
Sense_Lo_ampl_A
4.3V_B
4.3V_B
Sense_Hi_B
Sense_Lo_ampl_B
REF_3.00V
GND
4.3V_A
GND
4.3V_B
100nF
C83
GND
4.3V_B
4.3V_A
100nF
C62
GND
GND
100pF
C89
100R
R168
2
2
3
3
1
1
TSZ122IQ2T
U4A
6
6
5
5
7
7
TSZ122IQ2T
U4B
U4C
220k
R42
100k
R34
2k4
R41
+t°
330R
R45
+t°
330R
R46
Sense_Lo_ampl_A_2
Sense_Lo_ampl
Sense_Hi
Sense_Hi_A
Sense_Hi_A
Sense_Hi_A
LOG_In_Ctrl2
LOG_In_Ctrl1
GND
4.3V_B
3.6V_A
VDD_A_3.6V
3.6V_A
D16
SEL
4
S2
5
D
3
S1
2
NS5A4684SMNTBG
U6A
SEL
8
S2
7
S1
10
D
9
NS5A4684SMNTBG
U6B
U7C
SEL
4
S2
5
D
3
S1
2
NS5A4684SMNTBG
U7A
SEL
8
S2
7
S1
10
D
9
NS5A4684SMNTBG
U7B
U6C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com