Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STEVAL-MKI109D Datasheet(PDF) 10 Page - STMicroelectronics

Part # STEVAL-MKI109D
Description  Professional MEMS tool: evaluation board for all ST MEMS sensors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-MKI109D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STEVAL-MKI109D Datasheet HTML 6Page - STMicroelectronics STEVAL-MKI109D Datasheet HTML 7Page - STMicroelectronics STEVAL-MKI109D Datasheet HTML 8Page - STMicroelectronics STEVAL-MKI109D Datasheet HTML 9Page - STMicroelectronics STEVAL-MKI109D Datasheet HTML 10Page - STMicroelectronics STEVAL-MKI109D Datasheet HTML 11Page - STMicroelectronics STEVAL-MKI109D Datasheet HTML 12Page - STMicroelectronics STEVAL-MKI109D Datasheet HTML 13Page - STMicroelectronics STEVAL-MKI109D Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Figure 9. STEVAL-MKI109D circuit schematic (9 of 11)
GND
Dual Channel Controlled Power Supply
22nF
C8
22nF
C15
6.8R
R53
10R
R71
10R, 1/8W, 0.1%, SMD 0805
GND
5Vin
1k
R70
0.1%
100k
R69
10uF
C30
3k3
R59
10R
R130
10uF
C25
GND
100k
R131
5Vin
GND
To MEMS
100nF
C23
GND
GND
6.8R
R113
10R
R94
10R, 1/8W, 0.1%, SMD 0805
5Vin
1k
R92
0.1%
100k
R91
10uF
C40
3k3
R144
10R
R140
10uF
C34
GND
100k
R132
5Vin
GND
100nF
C33
GND
To MEMS
VDD_set_A
VDD_set_B
4.7uF
C28
4.7uF
C36
VDD_DUT
VDDIO_DUT
CH_A
CH_B
BC857BT,115
1
T3
BC857BT,115
1
T8
J13
J14
5Vin
Vin
FB1
RANGE_100x_A
RANGE_100x_B
Sense_Hi_A
Sense_Lo_A
Sense_Hi_B
Sense_Lo_B
TSV632IQ2T
2
2
3
3
1
1
U2A
TSV632IQ2T
6
6
5
5
7
7
U2B
U2C
100nF
C78
22R
R158
5Vin
GND
4k7
R175
4k7
R177
4k7
R60
4k7
R176
4k7
R100
4k7
R178
100nF
C99
100nF
C100
GND
Vdd_set
GND
VddIO_set
FDC606P / STT7P2UH7
3
T2
FDC606P / STT7P2UH7
3
T10
10k
R6
10k
R5
1
2STR2230
T4
1
2STR2230
T9
1
STR2N2VH5
T7
1
STR2N2VH5
T11
47uF
C22
47uF
C32
1
PDTC115EE
T12
1
PDTC115EE
T6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com