Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STEVAL-MKI109D Datasheet(PDF) 9 Page - STMicroelectronics

Part # STEVAL-MKI109D
Description  Professional MEMS tool: evaluation board for all ST MEMS sensors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-MKI109D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STEVAL-MKI109D Datasheet HTML 5Page - STMicroelectronics STEVAL-MKI109D Datasheet HTML 6Page - STMicroelectronics STEVAL-MKI109D Datasheet HTML 7Page - STMicroelectronics STEVAL-MKI109D Datasheet HTML 8Page - STMicroelectronics STEVAL-MKI109D Datasheet HTML 9Page - STMicroelectronics STEVAL-MKI109D Datasheet HTML 10Page - STMicroelectronics STEVAL-MKI109D Datasheet HTML 11Page - STMicroelectronics STEVAL-MKI109D Datasheet HTML 12Page - STMicroelectronics STEVAL-MKI109D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Figure 8. STEVAL-MKI109D circuit schematic (8 of 11)
Power Supply:
GND
GND
GND
3.3V
GND
Vin
100nF
C59
100nF
C85
1uF
C4
Vin
GND
GND
100nF
C61
1uF
C60
VDD_3.3V
GND
V_USB
100k
R25
5V_to_Ext
LDK220M33R
Vin
1
EN
3
ByPass/Adj
4
Vout
5
GND
U25
GND
100nF
C10
GND
SD_Runs
SD_Power_ON
GND
10uF
C5
GND
WiFi_5.0V
SD_3.3V
10uF
C9
GND
GND
1
2
J4
Vin
6
GND
2
EN
1
PG
3
Vout
4
ADJ
5
LD39050PU33R
U12
4k7
Rc1
LDK220M36R
Vin
1
EN
3
ByPass/Adj
4
Vout
5
GND
U14
GND
GND
MUX_3.6V
GND
MUX_Power_ON
1uF
C1
1uF
C2
WiFi_5V0
SD_3V3
Vin
Vin
3.3V
SW1
GND
10k
R109
BT1
WiFi_Runs
GND
47uF
C3
GND
3V6_out
BT1-1
BT1-2
Vin
100k
Ri7
GND
100k
R1
GND
GND
GND
Vin
Vin
5Vout
Vext_sense
GND
GND
Current Limit 500mA
GND
GND
1uF
C90
IN
1
IN
2
/ON
3
GND
4
SET
5
OUT
6
OUT
7
/FAULT
8
EPAD
9
ST890DTR
U26
2k7
R54
GND
2k2
R13
4k7
R12
100nF
C91
1
PDTC115EE
T16
2k2
R123
3.3V
3.3V
D7
D6
D11
D5
D9
D8
D10
6k8
R119
6k8
R19
10k
R83
Tp3
Tp4
47k
R61
15k
R22
GND
Not Mount
Not Mount
24k
R68
12k
R111
GND
Not Mount
Not Mount
Power Supply:
- VDD_3.3V ... Power supply for micro
- Vin ... 5V for Idd meas. analog circuits
& VDD_DUT/ VDDIO_DUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com