Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW81101 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STW81101
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81101 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STW81101_07 Datasheet HTML 28Page - STMicroelectronics STW81101_07 Datasheet HTML 29Page - STMicroelectronics STW81101_07 Datasheet HTML 30Page - STMicroelectronics STW81101_07 Datasheet HTML 31Page - STMicroelectronics STW81101_07 Datasheet HTML 32Page - STMicroelectronics STW81101_07 Datasheet HTML 33Page - STMicroelectronics STW81101_07 Datasheet HTML 34Page - STMicroelectronics STW81101_07 Datasheet HTML 35Page - STMicroelectronics STW81101_07 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
I2C bus interface
STW81101
32/48
6.4
VCO calibration procedure
Calibration of the VCO center frequency is activated when the SERCAL bit (CALIBRATION
register bit[6]) transitions from 0 to 1.
To program the device properly while ensuring VCO calibration, perform the following steps
before every channel change:
1.
Program all the registers using a multi-byte write sequence with the desired settings
(functional mode, B and A counters, R counter, VCO amplitude, charge pump,
prescaler modulus), and all the bits of the CALIBRATION register (05H) set to 0.
2.
Program the CALIBRATION register using a single-byte write sequence (subaddress
05H) with the SERCAL bit set to 1.
3.
The maximum allowed PFD frequency (FPFD) during calibration is 1 MHz; if you want a
FPFD higher than 1 MHz, perform the following additional steps:
a)
Perform all the steps of the calibration procedure, making sure to program the
desired VCO frequency with proper settings for the R, B and A counters so that
FPFD is ≤1 MHz.
b)
Program the device with the desired VCO and PFD frequency settings according
to step 1) above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com