Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW81101 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STW81101
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81101 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STW81101_07 Datasheet HTML 40Page - STMicroelectronics STW81101_07 Datasheet HTML 41Page - STMicroelectronics STW81101_07 Datasheet HTML 42Page - STMicroelectronics STW81101_07 Datasheet HTML 43Page - STMicroelectronics STW81101_07 Datasheet HTML 44Page - STMicroelectronics STW81101_07 Datasheet HTML 45Page - STMicroelectronics STW81101_07 Datasheet HTML 46Page - STMicroelectronics STW81101_07 Datasheet HTML 47Page - STMicroelectronics STW81101_07 Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
Package mechanical data
STW81101
46/48
Table 24.
Package dimensions
Ref.
Min.
Typ.
Max.
Unit
A
0.800
0.900
1.000
mm
A1
0.020
0.050
mm
A2
0.650
1.000
mm
A3
0.200
mm
b
0.180
0.250
0.300
mm
D
4.850
5.000
5.150
mm
D1
4.750
mm
D2
2.950
3.100
3.250
mm
E
4.850
5.000
5.150
mm
E1
4.750
mm
E2
2.950
3.100
3.250
mm
e
0.500
mm
L
0.350
0.550
0.750
mm
P
0.600
mm
K
14
degrees
ddd
0.080
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com