Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW81101 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STW81101
Description  Multi-band RF frequency synthesizer with integrated VCOs
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81101 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STW81101_07 Datasheet HTML 34Page - STMicroelectronics STW81101_07 Datasheet HTML 35Page - STMicroelectronics STW81101_07 Datasheet HTML 36Page - STMicroelectronics STW81101_07 Datasheet HTML 37Page - STMicroelectronics STW81101_07 Datasheet HTML 38Page - STMicroelectronics STW81101_07 Datasheet HTML 39Page - STMicroelectronics STW81101_07 Datasheet HTML 40Page - STMicroelectronics STW81101_07 Datasheet HTML 41Page - STMicroelectronics STW81101_07 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
Application information
STW81101
38/48
8
Application information
The STW81101 features three different alternately selectable bands: direct output (3.3 to
4.4GHz), divided by 2 (1.65 to 2.2GHz) and divided by 4 (850 to 1100MHz). To achieve a
suitable power level, a good matching network is necessary to adapt the output stage to a
50
Ω load. Moreover, since most commercial RF components have single-ended input and
output terminations, a differential to single-ended conversion may be required.
The different matching configurations shown below for each of the three bands are
suggested as a guideline when designing your own application board.
Inside the evaluation kit is the ADS design for each matching configuration suggested in this
chapter. The name of the corresponding ADS design is given in each figure.
The ADS designs provide only a first indication of the output stage matching, and should be
reworked according to the choices of layout, board substrate, components and so on.
The ADS designs of the evaluation boards are provided with a complete electromagnetic
modelling (board, components, and so on).
8.1
Direct output
If you do not need a differential to single conversion, you can match the output buffer of the
STW81101 in the simple way shown in
Figure 28. This illustrates a differential to single-
ended output network in the 3.3 - 4.4GHz range (MATCH_LC_LUMP_4G_DIFF.dsn).
Figure 28.
Differential/single-ended output network
(MATCH_LC_LUMP_4G_DIFF.dsn)
Since most discrete components for microwave applications are single-ended, you can
easily use one of the two outputs and terminate the other one to 50
Ω with a 3dB power loss.
RF
100 ohm
50 ohm
100 ohm
5.5nH
5.5nH
10pF
50 ohm
10pF
Vcc
Vcc
OUTP
RF
OUTN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com