Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STE2004S Datasheet(PDF) 40 Page - STMicroelectronics

Part # STE2004S
Description  102 x 65 single-chip LCD controller/driver
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004S Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STE2004S Datasheet HTML 36Page - STMicroelectronics STE2004S Datasheet HTML 37Page - STMicroelectronics STE2004S Datasheet HTML 38Page - STMicroelectronics STE2004S Datasheet HTML 39Page - STMicroelectronics STE2004S Datasheet HTML 40Page - STMicroelectronics STE2004S Datasheet HTML 41Page - STMicroelectronics STE2004S Datasheet HTML 42Page - STMicroelectronics STE2004S Datasheet HTML 43Page - STMicroelectronics STE2004S Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 79 page
background image
Bus interfaces
STE2004S
40/79
Figure 44.
3-lines serial reading sequence
4.3
Parallel interface
The STE2004S selectable parallel interfaces are 68000-series and 8080-series. They are
both an 8-bits bi-directional link between the display driver and the application supervisor.
Both parallel interfaces can be read the I2C driver slave address or the status byte.
4.3.1
68000-series parallel interface
If CS is low after the positive edge of RES, the 68000 parallel interface is ready to receive or
transmit data.
While CS pin is high the 68000 parallel interface is kept in reset.
Write mode
If R/W line is set to 0, data is latched on the E falling edge.
Read mode
When R/W line is set to 1, data is output on the D0-D7 bus on the E rising edge. The data
bus is set in high impedance mode when E is set to logic 0.
The I2C address or status byte is output on D0-D7 bus, according to R bit value.
READING SEQUENCE
Write a "00000000" Instruction
Source 9 pulses on SCLK and
Read the ID Number or the Status Byte On SDOUT
END OF READING SEQUENCE
SDOUT Buffer Configured in High Impedence
LR0080
SDOUT Buffer becomes active (Low Impedence)
1
note: 1) these data are not read by the display Diver
2) SDIN and SDOUT can be short circuited if the processor can configure
serial output buffers in high impedence during data read
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com