Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPCI100-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TPCI100-DOC
Description  PCI Carrier for 2 Industry Packs®
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPCI100-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TPCI100-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TPCI100-DOC Datasheet HTML 2Page - TEWS Technologies GmbH TPCI100-DOC Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The Embedded I/O Company
TPCI100
PCI Carrier for 2 Industry Packs
®
Application Information
The TPCI100 is a standard 33 MHz 32 bit PCI Carrier for
up to two single-size or one double-size IndustryPack (IP)
modules allowing to build up modular, flexible and cost
effective I/O solutions for all kinds of applications like
process control, medical systems, telecommunication and
traffic control.
Two 50 pin 0.1 inch flat ribbon cable connectors provide
access to all IP I/O lines. Status indicators for IP access,
+5V and +/-12V are provided.
The TPCI100 can operate with 3.3V and 5.0V PCI I/O
signaling voltage for I/O. This guaranties compatibility with
nearly all PC mainboards. 3.3V required by on board logic
is generated locally.
All IP interrupt request lines are mapped to PCI INTA. For
fast interrupt source detection, the TPCI100 provides a
special IP interrupt status register.
The IP power lines are fuse protected by self healing fuses
and RF filtered. The operating temperature range is -40°C
to +85°C.
Software
Support
(CARRIER-SW-xx)
for
different
operating systems is available.
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2018-08-31
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TPCI100-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPCI200 TEWS-TPCI200 Datasheet
126Kb / 2P
PCI Carrier for 4 Industry Packs®
2017-08-31
TPCI200-10R TEWS-TPCI200-10R Datasheet
126Kb / 2P
PCI Carrier for 4 Industry Packs®
2017-08-31
TPCI200-DOC TEWS-TPCI200-DOC Datasheet
126Kb / 2P
PCI Carrier for 4 Industry Packs®
2017-08-31
TPCI270 TEWS-TPCI270 Datasheet
134Kb / 2P
PMC Carrier for PCI Card Interface
2017-08-31
TPCI270-10R TEWS-TPCI270-10R Datasheet
134Kb / 2P
PMC Carrier for PCI Card Interface
2017-08-31
More results

Similar Description - TPCI100-DOC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2058T TI-BQ2058T Datasheet
101Kb / 18P
Lithium Ion Pack Supervisor For 2-Cell Packs
logo
Advantech Co., Ltd.
MIC-3961 ADVANTECH-MIC-3961 Datasheet
166Kb / 1P
6U CompactPCI짰 PCI Carrier Board
logo
BesTech Power Co., Ltd
HCX-D107 BESTECH-HCX-D107 Datasheet
237Kb / 1P
For 64V 20S LiFePO4 Battery Packs
HCX-D131 BESTECH-HCX-D131 Datasheet
189Kb / 1P
For 76.8V 24S LiFePO4 Battery Packs
logo
List of Unclassifed Man...
PLB111010 ETC2-PLB111010 Datasheet
443Kb / 7P
Industry standard PLCC-2
logo
SparkFun Electronics
ROB-12334 SPARKFUN-ROB-12334 Datasheet
95Kb / 1P
Precision Disc Wheel - 3 (Blue, 2 Packs)
2/12/2016
logo
Diodes Incorporated
PI3PCIE3442A DIODES-PI3PCIE3442A Datasheet
1Mb / 14P
3.3V PCI Express® 3.0 2-Lane Exchange Switch
May 2019
logo
Advantech Co., Ltd.
MIC-3954 ADVANTECH-MIC-3954 Datasheet
859Kb / 2P
3U CompactPCI® Quad Mini PCIe & M.2 Carrier Board
3-Feb-2021
logo
Renesas Technology Corp
PES16NT2 RENESAS-PES16NT2 Datasheet
1Mb / 30P
16-Lane 2-Port Non-Transparent PCI Express® Switch
January 5, 2009
PES8NT2 RENESAS-PES8NT2 Datasheet
1Mb / 29P
8-Lane 2-Port Non-Transparent PCI Express® Switch
January 5, 2009
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com