Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPCI100-DOC Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TPCI100-DOC
Description  PCI Carrier for 2 Industry Packs®
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPCI100-DOC Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TPCI100-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TPCI100-DOC Datasheet HTML 2Page - TEWS Technologies GmbH TPCI100-DOC Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The Embedded I/O Company
Technical Information
 PCI Card Interface
 PCI 2.2 compliant interface
 Size: 107 mm x 125 mm
 PCI I/O signaling voltage: 3.3V or 5.0V
 ANSI/VITA 4-1995 compliant interface to
IndustryPack modules
 IndustryPack slots: two single-size or one double-
size
 8/32 MHz interface, no DMA
 8 Mbytes memory space per IP
 Routing of all IP interrupts to PCI INTA, local
interrupt status register
 I/O access: 50 pin 0.1 inch flat ribbon cable
connector per IP
 Status LED’s
 ACK LED for each IP module
 +5V Power LED for each IP slot
 +12V and –12V Power LED
 Self Healing fuses and RF-filtering on all IP power
lines
 Operating temperature –40°C to +85°C
.
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2018-08-31
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com