Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CVC-XCH0010P Datasheet(PDF) 5 Page - Metcal

Part # CVC-XCH0010P
Description  Connection Validation™ Soldering Station
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

CVC-XCH0010P Datasheet(HTML) 5 Page - Metcal

  CVC-XCH0010P Datasheet HTML 1Page - Metcal CVC-XCH0010P Datasheet HTML 2Page - Metcal CVC-XCH0010P Datasheet HTML 3Page - Metcal CVC-XCH0010P Datasheet HTML 4Page - Metcal CVC-XCH0010P Datasheet HTML 5Page - Metcal CVC-XCH0010P Datasheet HTML 6Page - Metcal  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Current Part Number
New Part Number
Description
STTC-x46
CVC-xBV6005A
CARTRIDGE, BEVEL, 0.5MM X 14MM LG, 60DEG
STTC-x47P
CVC-xBV6018P
CARTRIDGE, BEVEL, 1.8MM X 6MM LG, 60DEG
STTC-x47
CVC-xBV6018R
CARTRIDGE, BEVEL, 1.8MM X 14MM LG, 70DEG
STTC-x25P
CVC-xCH0010P
CARTRIDGE, CHISEL, 1MM X 6MM LG, 35DEG
STTC-x25
CVC-xCH0010S
CARTRIDGE, CHISEL, 1MM, 30DEG
STTC-x38P
CVC-xCH0014P
CARTRIDGE, CHISEL, 1.4MM X 6MM LG, 35DEG
STTC-x99
CVC-xCH0015R
CARTRIDGE, CHISEL, REACH, 1.4MM X 12MM LG, 30DEG
STTC-x38
CVC-xCH0014S
CARTRIDGE, CHISEL, 1.4MM X 10MM LG, 30DEG
STTC-x42
CVC-xCH0018A
CARTRIDGE, CHISEL, ACCESS, 1.8MM X 15MM LG, 60DEG
STTC-x37LL
CVC-xCH0018L
CARTRIDGE, CHISEL, 1.8MM X 10MM LG, 30DEG, LL
STTC-x37P
CVC-xCH0018P
CARTRIDGE, CHISEL, 1.8MM X 6MM LG, 35DEG
STTC-x98
CVC-xCH0018R
CARTRIDGE, CHISEL, REACH, 1.8MM X 10MM LG, 30DEG
STTC-x37
CVC-xCH0018S
CARTRIDGE, CHISEL, 1.8MM X 10MM LG, 30DEG
STTC-x36P
CVC-xCH0025P
CARTRIDGE, CHISEL, 2.5MM X 6MM LG, 30DEG
STTC-x36
CVC-xCH0025S
CARTRIDGE, CHISEL, 2.5MM X 10MM LG, 30DEG
STTC-x13
CVC-xCH0030S
CARTRIDGE, CHISEL, 3MM X 5MM LG, 90DEG
STTC-x03
CVC-xCH0034S
CARTRIDGE, CHISEL 3MM X 9MM LG
STTC-x65
CVC-xCH0050A
CARTRIDGE, CHISEL, 5MM X 12MM LG, 22DEG
STTC-x17
CVC-xCH0050S
CARTRIDGE, CHISEL, LARGE, 5MM X 8MM LG, 30DEG
STTC-x20
CVC-xCH2238A
CARTRIDGE, CHISEL, 3.8MM X 22MM LG, 12DEG
STTC-x90
CVC-xCN0003A
CARTRIDGE, CONICAL, 0.25MM X 13.5MM LG
STTC-x45P
CVC-xCN0004P
CARTRIDGE, CONICAL, 0.4MM X 9MM LG
STTC-x26
CVC-xCN0004R
CARTRIDGE, CONICAL, REACH, 0.6MM X 8MM LG, 35DEG
STTC-x22
CVC-xCN1404S
CARTRIDGE, CONICAL, 0.4MM X 9MM LG
STTC-x43
CVC-xCN0005A
CARTRIDGE, CONICAL, 0.5MM X 15MM LG
STTC-x44
CVC-xCN0005R
CARTRIDGE, CONICAL, REACH, 0.5MM X 15MM LG, 30DEG
STTC-x11
CVC-xCN0005S
CARTRIDGE, CONICAL, 0.5MM X 5MM LG
STTC-x01
CVC-xCN0010A
CARTRIDGE, CONICAL, 1MM X 13MM LG
STTC-x01P
CVC-xCN0010P
CARTRIDGE, CONICAL, 1MM X 6.5MM LG
STTC-x41
CVC-xCN0013R
CARTRIDGE, CONICAL, REACH, 1.3MM X 22MM LG,30DEG
STTC-x06
CVC-xCN1304A
CARTRIDGE, CONICAL, 1.78MM (0.07 IN)
STTC-x45
CVC-xCN1504A
CARTRIDGE, CONICAL, 0.4MM X 15MM LG
STTC-x40
CVC-xCN1604R
CARTRIDGE, CONICAL, REACH, 0.8MM X 16MM LG, 30DEG
STTC-x07
CVC-xCN1710A
CARTRIDGE, CONICAL, ACCESS, 1MM X 17MM LG
SMTC-x167
SMC-xHF6015S
CARTRIDGE, HOOF, 1.5MM X 16.5MM LG, 60 DEG
SMTC-x147
SMC-xHF6033S
CARTRIDGE, HOOF, 3.3MM X 17MM LG, 60 DEG
SMTC-x172
SMC-xHK0005S
CARTRIDGE, HOOK, LONG, 0.5MM
Cartridge Part Number Cross Reference Table
Note: STTC/SMTC cartridges will not work on CV-5200 series systems.
Specifications
CV-5200 Series
Connection Validation™ Soldering Station



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com