Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CVC-XCH0010P Datasheet(PDF) 6 Page - Metcal

Part # CVC-XCH0010P
Description  Connection Validation™ Soldering Station
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal

CVC-XCH0010P Datasheet(HTML) 6 Page - Metcal

  CVC-XCH0010P Datasheet HTML 1Page - Metcal CVC-XCH0010P Datasheet HTML 2Page - Metcal CVC-XCH0010P Datasheet HTML 3Page - Metcal CVC-XCH0010P Datasheet HTML 4Page - Metcal CVC-XCH0010P Datasheet HTML 5Page - Metcal CVC-XCH0010P Datasheet HTML 6Page - Metcal  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Cartridge Part Number Cross Reference Table
Specifications
CV-5200 Series
Connection Validation™ Soldering Station
© Metcal
170630-1200-JS
Description
CARTRIDGE, BEVEL, 1.78MM, 30DEG
CARTRIDGE, BEVEL, 1.27MM, 30DEG
CARTRIDGE, BEVEL, 1MM, 30DEG
CARTRIDGE, BEVEL, 1.78MM, 30DEG
CARTRIDGE, BEVEL, 2MM, 45DEG
CARTRIDGE, CONICAL, 1MM
CARTRIDGE, CONICAL, 1.78MM
CARTRIDGE, CONICAL, 1.78MM
CARTRIDGE, CONICAL, 2MM
CARTRIDGE, CONICAL, 0.5MM
CARTRIDGE, CONICAL, 2MM
CARTRIDGE, BLADE, 10MM
CARTRIDGE, HIGH MASS, BLADE 15MM
CARTRIDGE, BLADE, 15.75MM
CARTRIDGE, BLADE, 22MM
CARTRIDGE, HIGH MASS, BLADE 25MM
CARTRIDGE, HIGH MASS, BLADE 35MM
CARTRIDGE, CONCAVE HOOF, 1.5MM
CARTRIDGE, CONCAVE HOOF, 2MM
CARTRIDGE, CONCAVE HOOF, 3MM
CARTRIDGE, HOOF, CONCAVE, 2.5MM, BENT, 30 DEG
CARTRIDGE, HOOF, 0.89MM, 60 DEG
CARTRIDGE, HOOF, LONG, 1.1MM, 60 DEG
CARTRIDGE, HOOF, LONG, 2MM, 60 DEG
CARTRIDGE, HOOF, LONG, 3MM, 60 DEG
CARTRIDGE, CONICAL, BENT, 0.76MM
CARTRIDGE, KNIFE, 2.5MM
CARTRIDGE, KNIFE, THIN TIN LENGTH, 4.8MM
CARTRIDGE, KNIFE, WIDE TIN LENGTH, 4.8MM
CARTRIDGE, KNIFE, POWER, 5MM
CARTRIDGE, KNIFE, 5MM
Old Part Number
New Part Number
STTC-x05
CVC-xBV3018S
STTC-x15
CVC-xBV3018P
STTC-x24
CVC-xBV4001S
STTC-x35
CVC-xBV6018S
STTC-x14
CVC-xCH0020S
STTC-x31
CVC-xCN0010S
STTC-x32
CVC-xCN1002S
STTC-x02
CVC-xCN1208S
STTC-x12
CVC-xCN4302S
STTC-x16
CVC-xCN4805S
STTC-x83
CVC-xLG1802A
SMTC-x60
SMC-xBL0010S
SMTC-xBL150
SMC-xBL0015H
SMTC-x61
SMC-xBL0016S
SMTC-x62
SMC-xBL0022S
SMTC-xBL250
SMC-xBL0025H
SMTC-xBL350
SMC-xBL0035H
SMTC-x184
SMC-xHF0015V
SMTC-x185
SMC-xHF0020V
SMTC-x186
SMC-xHF0030V
SMTC-x183
SMC-xHF3025S
SMTC-x175
SMC-xHF6009S
SMTC-x174
SMC-xHF6011S
SMTC-x169
SMC-xHF6020S
SMTC-x170
SMC-xHF6030S
SMTC-x171
SMC-xHK0008S
SMTC-x165
SMC-xKN0025S
SMTC-x161
SMC-xKN0048S
SMTC-x173
SMC-xKN0048W
SMTC-x173P
SMC-xKN0050P
SMTC-x173PLL
SMC-xKN0050X
Note: STTC/SMTC cartridges will not work on CV-5200 series systems.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com