Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD225MJS120L6S Datasheet(PDF) 5 Page - StarPower Europe AG

Part # GD225MJS120L6S
Description  1200V/225A 3-level in one-package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD225MJS120L6S Datasheet(HTML) 5 Page - StarPower Europe AG

  GD225MJS120L6S Datasheet HTML 1Page - StarPower Europe AG GD225MJS120L6S Datasheet HTML 2Page - StarPower Europe AG GD225MJS120L6S Datasheet HTML 3Page - StarPower Europe AG GD225MJS120L6S Datasheet HTML 4Page - StarPower Europe AG GD225MJS120L6S Datasheet HTML 5Page - StarPower Europe AG GD225MJS120L6S Datasheet HTML 6Page - StarPower Europe AG GD225MJS120L6S Datasheet HTML 7Page - StarPower Europe AG GD225MJS120L6S Datasheet HTML 8Page - StarPower Europe AG GD225MJS120L6S Datasheet HTML 9Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
GD225MJS120L6S
IGBT Module
©2024 STARPOWER Semiconductor Ltd.
10/10/2024
5/15
B02
D1/D4 Diode Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VF
Diode Forward
Voltage
IF=300A,VGE=0V,Tvj=25
oC
1.60
2.05
V
IF=300A,VGE=0V,Tvj=125
oC
1.60
IF=300A,VGE=0V,Tvj=150
oC
1.60
Qr
Recovered
Charge
VR=600V,IF=225A,
-di/dt=5350A/μs,LS=20nH,
VGE=-8V,Tvj=25
oC
20.1
μC
IRM
Peak Reverse
Recovery Current
250
A
Erec
Reverse Recovery
Energy
6.84
mJ
Qr
Recovered
Charge
VR=600V,IF=225A,
-di/dt=5080A/μs,LS=20nH,
VGE=-8V,Tvj=125
oC
32.5
μC
IRM
Peak Reverse
Recovery Current
277
A
Erec
Reverse Recovery
Energy
12.5
mJ
Qr
Recovered
Charge
VR=600V,IF=225A,
-di/dt=4930A/μs,LS=20nH,
VGE=-8V,Tvj=150
oC
39.0
μC
IRM
Peak Reverse
Recovery Current
288
A
Erec
Reverse Recovery
Energy
14.0
mJ
D2/D3 Diode Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VF
Diode Forward
Voltage
IF=225A,VGE=0V,Tvj=25
oC
1.60
2.05
V
IF=225A,VGE=0V,Tvj=125
oC
1.60
IF=225A,VGE=0V,Tvj=150
oC
1.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com