Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD225MJS120L6S Datasheet(PDF) 1 Page - StarPower Europe AG

Part # GD225MJS120L6S
Description  1200V/225A 3-level in one-package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD225MJS120L6S Datasheet(HTML) 1 Page - StarPower Europe AG

  GD225MJS120L6S Datasheet HTML 1Page - StarPower Europe AG GD225MJS120L6S Datasheet HTML 2Page - StarPower Europe AG GD225MJS120L6S Datasheet HTML 3Page - StarPower Europe AG GD225MJS120L6S Datasheet HTML 4Page - StarPower Europe AG GD225MJS120L6S Datasheet HTML 5Page - StarPower Europe AG GD225MJS120L6S Datasheet HTML 6Page - StarPower Europe AG GD225MJS120L6S Datasheet HTML 7Page - StarPower Europe AG GD225MJS120L6S Datasheet HTML 8Page - StarPower Europe AG GD225MJS120L6S Datasheet HTML 9Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
GD225MJS120L6S
IGBT Module
©2024 STARPOWER Semiconductor Ltd.
10/10/2024
1/15
B02
STARPOWER
SEMICONDUCTOR
IGBT
GD225MJS120L6S
1200V/225A 3-level in one-package
General Description
STARPOWER IGBT Power Module provides ultra
low conduction loss.They are designed for the
applications such as 3-level-application.
Features
Low VCE(sat) Trench IGBT technology
VCE(sat) with positive temperature coefficient
Maximum junction temperature 175
oC
Fast & soft reverse recovery anti-parallel FWD
Isolated copper baseplate using DBC technology
Typical Applications
Solar power
3-level-application
Equivalent Circuit Schematic


Similar Part No. - GD225MJS120L6S

ManufacturerPart #DatasheetDescription
logo
StarPower Europe AG
GD225HFX170C6S STARPOWER-GD225HFX170C6S Datasheet
210Kb / 9P
1700V/225A 2 in one-package
1/29/2019
GD225HFY120C6S STARPOWER-GD225HFY120C6S Datasheet
205Kb / 9P
1200V/225A 2 in one-package
9/30/2018
GD225HTY120C7S STARPOWER-GD225HTY120C7S Datasheet
248Kb / 9P
1200V/225A 6 in one-package
1/21/2016
More results

Similar Description - GD225MJS120L6S

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI200-120-01 FUJI-2MBI200-120-01 Datasheet
195Kb / 4P
1200V / 200A 2 in one-package
2MBI100SC-120 FUJI-2MBI100SC-120 Datasheet
438Kb / 4P
1200V / 100A 2 in one-package
logo
List of Unclassifed Man...
2MBI200S-120 ETC2-2MBI200S-120 Datasheet
499Kb / 4P
1200V / 200A 2 in one-package
logo
Fuji Electric
3MBI150U-120 FUJI-3MBI150U-120 Datasheet
117Kb / 5P
1200V / 150A 3 in one-package
3MBI150UC-120 FUJI-3MBI150UC-120 Datasheet
128Kb / 5P
1200V / 150A 3 in one-package
6MBP25RJ120 FUJI-6MBP25RJ120 Datasheet
315Kb / 8P
1200V / 25A 6 in one-package
6MBP50RJ120 FUJI-6MBP50RJ120 Datasheet
303Kb / 8P
1200V / 50A 6 in one-package
1MBI300S-120 FUJI-1MBI300S-120 Datasheet
477Kb / 4P
1200V / 300A 1 in one-package
logo
List of Unclassifed Man...
6MBI225U-120 ETC2-6MBI225U-120 Datasheet
178Kb / 5P
IGBT Module U-Series 1200V / 225A 6 in one-package
logo
KEC(Korea Electronics)
GM200HB12CT KEC-GM200HB12CT Datasheet
420Kb / 3P
1200V/200A 2 IN ONE PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com