Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD225MJS120L6S Datasheet(PDF) 8 Page - StarPower Europe AG

Part # GD225MJS120L6S
Description  1200V/225A 3-level in one-package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD225MJS120L6S Datasheet(HTML) 8 Page - StarPower Europe AG

Back Button GD225MJS120L6S Datasheet HTML 4Page - StarPower Europe AG GD225MJS120L6S Datasheet HTML 5Page - StarPower Europe AG GD225MJS120L6S Datasheet HTML 6Page - StarPower Europe AG GD225MJS120L6S Datasheet HTML 7Page - StarPower Europe AG GD225MJS120L6S Datasheet HTML 8Page - StarPower Europe AG GD225MJS120L6S Datasheet HTML 9Page - StarPower Europe AG GD225MJS120L6S Datasheet HTML 10Page - StarPower Europe AG GD225MJS120L6S Datasheet HTML 11Page - StarPower Europe AG GD225MJS120L6S Datasheet HTML 12Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
GD225MJS120L6S
IGBT Module
©2024 STARPOWER Semiconductor Ltd.
10/10/2024
8/15
B02
Fig 1. T1/T4 IGBT Output Characteristics
Fig 2. T1/T4 IGBT Output Characteristics
Fig 3. T1/T4 IGBT Transfer Characteristics
Fig 4. T1/T4 IGBT Switching Loss vs. IC
0
50
100
150
200
250
300
350
400
450
0
1
2
3
4
V
CE [V]
Tvj=25℃
Tvj=125℃
Tvj=150℃
V
GE=15V
0
50
100
150
200
250
300
350
400
450
0
1
2
3
4
5
V
CE [V]
VGE=9V
VGE=10V
VGE=12V
VGE=15V
VGE=20V
T
vj=150
oC
0
50
100
150
200
250
300
350
400
450
5
6
7
8
9
10
V
GE [V]
Tvj=25℃
Tvj=125℃
Tvj=150℃
V
CE=20V
0
5
10
15
20
25
30
35
40
45
50
0
100
200
300
400
500
I
C [A]
Eon Tvj=125℃
Eoff Tvj=125℃
Eon Tvj=150℃
Eoff Tvj=150℃
V
CC=600V
R
G=2.0Ω
V
GE=-8/+15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com