Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD275MJS120L6S Datasheet(PDF) 3 Page - StarPower Europe AG

Part # GD275MJS120L6S
Description  1200V/275A 3-level in one-package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG

GD275MJS120L6S Datasheet(HTML) 3 Page - StarPower Europe AG

  GD275MJS120L6S Datasheet HTML 1Page - StarPower Europe AG GD275MJS120L6S Datasheet HTML 2Page - StarPower Europe AG GD275MJS120L6S Datasheet HTML 3Page - StarPower Europe AG GD275MJS120L6S Datasheet HTML 4Page - StarPower Europe AG GD275MJS120L6S Datasheet HTML 5Page - StarPower Europe AG GD275MJS120L6S Datasheet HTML 6Page - StarPower Europe AG GD275MJS120L6S Datasheet HTML 7Page - StarPower Europe AG GD275MJS120L6S Datasheet HTML 8Page - StarPower Europe AG GD275MJS120L6S Datasheet HTML 9Page - StarPower Europe AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
GD275MJS120L6S
IGBT Module
©2024 STARPOWER Semiconductor Ltd.
10/10/2024
3/15
Preliminary
T1/T4 IGBT Characteristics T
C=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCE(sat)
Collector to Emitter
Saturation Voltage
IC=225A,VGE=15V,
Tj=25
oC
2.00
2.45
V
IC=225A,VGE=15V,
Tj=125
oC
2.70
IC=225A,VGE=15V,
Tj=150
oC
2.90
VGE(th)
Gate-Emitter Threshold
Voltage
IC=9.00mA,VCE=VGE,
Tj=25
oC
5.6
6.2
6.8
V
ICES
Collector Cut-Off
Current
VCE=VCES,VGE=0V,
Tj=25
oC
1.0
mA
IGES
Gate-Emitter Leakage
Current
VGE=VGES,VCE=0V,
Tj=25
oC
400
nA
RGint
Internal Gate Resistance
1.7
Ω
Cies
Input Capacitance
VCE=25V,f=100kHz,
VGE=0V
38.1
nF
Cres
Reverse Transfer
Capacitance
0.66
nF
QG
Gate Charge
VGE=-15…+15V
2.52
μC
td(on)
Turn-On Delay Time
VCC=600V,IC=225A,
RG=2Ω,VGE=-8/+15V,
LS=36nH ,Tj=25
oC
154
ns
tr
Rise Time
45
ns
td(off)
Turn-Off Delay Time
340
ns
tf
Fall Time
76
ns
Eon
Turn-On Switching
Loss
13.4
mJ
Eoff
Turn-Off Switching
Loss
8.08
mJ
td(on)
Turn-On Delay Time
VCC=600V,IC=225A,
RG=2Ω,VGE=-8/+15V,
LS=36nH ,Tj=125
oC
160
ns
tr
Rise Time
49
ns
td(off)
Turn-Off Delay Time
388
ns
tf
Fall Time
112
ns
Eon
Turn-On Switching
Loss
17.6
mJ
Eoff
Turn-Off Switching
Loss
11.2
mJ
td(on)
Turn-On Delay Time
VCC=600V,IC=225A,
RG=2Ω,VGE=-8/+15V,
LS=36nH ,Tj=150
oC
163
ns
tr
Rise Time
51
ns
td(off)
Turn-Off Delay Time
397
ns
tf
Fall Time
114
ns
Eon
Turn-On Switching
Loss
18.7
mJ
Eoff
Turn-Off Switching
Loss
12.0
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com