Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMPR3916 Datasheet(PDF) 70 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 70 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 66Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 67Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 68Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 69Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 70Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 71Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 72Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 73Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 74Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 225 page
background image
Chapter 2 Memory Controller (MC)
Preliminary
2-21
When RWT = 0xF and RPWT = 0x3, the ACK* pin becomes an input and the data transaction
is completed upon assertion of the ACK* signal by the accessed memory.
2.6.3.2
Page Mode ROM setting
Please note the following before setting the registers to drive memories in burst mode.
•
Normal Sub-mode
A channel enters this mode when the following conditions exist: RPM = 00 and
(RPWT:RWT[3:0])! = 0x3Fh.
In this mode the ACK*/READY pin is an ACK* output and the cycle is terminated based
on a 6-bit wait counter. The 6-bit wait counter is the concatenation of the RPWT and RWT
fields. Access time can be programmed to allow for 0 to 62 wait states. (Note:
(RPWT:RWT[3:0] = 0x3Fh indicates external ACK* sub-mode.)
•
External ACK* Sub-mode
A channel enters this mode when the following conditions exist: RPM =00 and
(RPWT:RWT[3:0] = 0x3Fh.
In this mode the ACK*/READY pin is an ACK* input and the cycle is terminated by the
external device. The ACK* input is synchronized before it is fed to the internal state
machine. See section ACK* input timing for more details.
•
Page Sub-mode
A channel enters this mode when the following conditions exist: RPM! = 00.
In this mode the ACK*/READY pin is an ACK* output and the cycle is terminated based
on either the RPWT or RWT wait counter. The mode specifically targets Page Mode ROMs.
During single cycle access, or the first word of a burst access, the 4-bit RWT field determines
the access time. The access time can be programmed to allow for 0 to 15 wait states. During
subsequent burst cycle accesses, the 2-bit RPWT field determines the access time and can be
programmed to allow for 0 to 3 wait states.
There are 3 different Page Mode Burst size settings allowed in the RPM field. When the
Page Mode burst size is less than the CPU burst size, the channel will break access such that
the 4-bit RWT field is always used on the programmed Page Mode boundary. In Page Mode
the RWT time must be greater than or equal to the RPWT time or undetermined results may
occur.
•
16-bit Bus Operation
In the case of 16-bit mode if a single cycle is run from the G-Bus that requires a single byte
or half word that is contained within one 16-bit word then only a single 16-bit access is run
on the external bus. Otherwise two 16-bit accesses are executed externally. In the case of 16-
bit mode, if a burst cycle is run from the G-Bus, two 16-bit cycles will be run for each of the
burst accesses regardless of the fact that the internal byte enable signal is requesting a byte,
half word or any other combination of internal byte enable signal that is not a full 32-bit
word.
In 16-bit mode the maximum channel size is 512 Mbytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com