Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMPR3916 Datasheet(PDF) 83 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 83 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 79Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 80Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 81Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 82Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 83Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 84Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 85Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 86Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 87Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 225 page
background image
Chapter 3 Graphics Display Controller (GDC)
Preliminary
3-4
The minimum value to be stored in MWRx is equal to the number of dots per line in the frame buffer
divided by 4 (in case of layers A and B, 8 for C and D and 2 for layer E) and rounded to the next greater
integer value (MWRx stores numbers of 32 bit words). In practice, it is advisable to have a certain space
between two adjacent lines. Therefore the practical memory size is larger than the one requested to
cover just one layer. The frame buffer contents represent the address of the color palette which contains
the displayed colors for the respective layer:
32 bit frame buffer
Line 1
Dot 1
Line 1
Dot 2
Line 1
Dot 3
Line 1
Dot 4
Line 1
Dot n-1
Line 1
Dot n-2
Line N
Dot 1
Line N
Dot 2
Line N
Dot 3
Line N
Dot 4
Line N
Dot n-2
Line N
Dot n-1
16 bit-wide colour palette
To digitalout or VIEWDAC
Line 1
Dot n
Line N
Dot n
Figure 3.1.3 Frame Buffer and Color Palette in Case of Layers A or B
In case of layers C and D, the contents of register MWRx must be adjusted taking into consideration
that there are 8 dots in a 32 bit word. Therefore the minimum value is given by the number of dots in a
line divided by 8.
32 bit frame buffer
Line 1
Dot 1
Line 1
Dot 2
Line 1
Dot 3
Line 1
Dot 4
Line 1
Dot n-1
Line 1
Dot n-2
Line N
Dot 1
Line N
Dot 2
Line N
Dot 3
Line N
Dot 4
Line N
Dot n-2
Line N
Dot n-1
16 bit colour palette
To digitalout or VIEWDAC
Line 1
Dot 5
Line 1
Dot 6
Line 1
Dot 7
Line 1
Dot 8
Line 1
Dot n
Line N
Dot 5
Line N
Dot 6
Line N
Dot 7
Line N
Dot 8
Line N
Dot n
Figure 3.1.4 Frame Buffer and Color Palette in Case of Layers C or D
In case of layer E, each 32 bit word is storing the data of 2 dots. So the minimum number to store in
MWRA (E layer uses A layer registers) is equal to the number of dots in a line divided by 2. No color
palette is needed for layer E.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com