Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6T Datasheet(PDF) 108 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 108 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 104Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 105Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 106Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 107Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 108Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 109Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 110Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 111Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 293 page
background image
Serial UART interfaces
uPSD34xx
108/293
21.6
More About UART Modes 2 and 3
For Mode 2, refer to the block diagram in Figure 35 on page 109, and timing diagram in
Figure 36 on page 109. For Mode 3, refer to the block diagram in Figure 37 on page 110,
and timing diagram in Figure 38 on page 110.
Keep in mind that the baud rate is programmable to either 1/32 or 1/64 of fOSC in Mode 2,
but Mode 3 uses a variable baud rate generated from Timer 1 or Timer 2 rollovers.
The receive portion is exactly the same as in Mode 1. The transmit portion differs from Mode
1 only in the 9th bit of the transmit shift register.
Transmission is initiated by any instruction which writes to SBUF. At the end of a write
operation to SBUF, the TB8 Bit is loaded into the 9th position of the transmit shift register
and flags the TX Control unit that a transmission is requested. Transmission actually starts
at the end of the MCU the machine cycle following the next rollover in the divide-by-16
counter. Thus, the bit times are synchronized to the divide-by-16 counter, not to the writing
of SBUF. Transmission begins with activation of SEND which puts the start bit at pin TxD.
One bit time later, DATA is activated, which enables the output bit of the transmit shift
register to pin TxD. The first shift pulse occurs one bit time after that. The first shift clocks a
'1' (the stop bit) into the 9th bit position of the shift register. There-after, only zeros are
clocked in. Thus, as data bits shift out to the right, zeros are clocked in from the left. When
bit TB8 is at the output position of the shift register, then the stop bit is just to the left of TB8,
and all positions to the left of that contain zeros. This condition flags the TX Control unit to
do one last shift and then deactivate SEND, and set the interrupt flag, TI. This occurs at the
11th divide-by 16 rollover after writing to SBUF.
Reception is initiated by a detected 1-to-0 transition at pin RxD. For this purpose RxD is
sampled at a rate of 16 times whatever baud rate has been established. When a transition is
detected, the divide-by-16 counter is immediately reset, and 1FFH is written to the input shift
register. At the 7th, 8th, and 9th counter states of each bit time, the bit detector samples the
value of RxD. The value accepted is the value that was seen in at least 2 of the 3 samples. If
the value accepted during the first bit time is not '0,' the receive circuits are reset and the
unit goes back to looking for another '1'-to-'0' transition. If the start bit proves valid, it is
shifted into the input shift register, and reception of the rest of the frame will proceed. As
data bits come in from the right, '1s' shift out to the left. When the start bit arrives at the left-
most position in the shift register (which in Modes 2 and 3 is a 9-bit register), it flags the RX
Control unit to do one last shift, load SBUF and RB8, and set the interrupt flag RI. The signal
to load SBUF and RB8, and to set RI, will be generated if, and only if, the following
conditions are met at the time the final shift pulse is generated:
1.
RI = 0, and
2.
Either SM2 = 0, or the received 9th data bit = 1. If either of these conditions is not met,
the received frame is irretrievably lost, and RI is not set. If both conditions are met, the
received 9th data bit goes into RB8, and the first 8 data bits go into SBUF. One bit time
later, whether the above conditions were met or not, the unit goes back to looking for a
'1'-to-'0' transition on pin RxD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com