Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6T Datasheet(PDF) 112 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 112 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 108Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 109Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 110Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 111Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 112Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 113Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 114Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 115Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 293 page
background image
IrDA interface
uPSD34xx
112/293
The UART1 serial channel can operate in one of four different modes as shown in Table 46
on page 100 in Section 21: Serial UART interfaces on page 99. However, when UART1 is
used for IrDA communication, UART1 must operate in Mode 1 only, to be compatible with
IrDA protocol up to 115.2k bps. The IrDA interface will support baud rates generated from
Timer 1 or Timer 2, just like standard UART serial communication, but with one restriction.
The transmit baud rate and receive baud rate must be the same (cannot be different rates as
is allowed by standard UART communications).
The IrDA Interface is disabled after a reset and is enabled by setting the IRDAEN Bit in the
SFR named IRDACON (Table 50 on page 112). When IrDA is disabled, the UART1's RxD
and TxD signals will bypass the internal IrDA logic and instead they are routed directly to the
pins RxD1 and TxD1 respectively. When IrDA is enabled, the IrDA pulse shaping logic is
active and resides between UART1 and the pins RxD1 and TxD1 as shown in Figure 39 on
page 111.
22.1
Baud rate selection
The IrDA standard only supports 2.4, 9.6, 19.2, and 115.2kbps. Table 52 on page 113
informs the IrDA Interface of the baud rate of UART#1 so that it can perform pulse
modulation properly. It may not be necessary to implement the BR[3:0] bits in the IRDACON
Register if the IrDA Interface obtains the proper timing from UART#1.
Table 50.
IRDACON register bit definition (SFR CEh, reset value 0Fh)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
–
IRDAEN
PULSE
CDIV4
CDIV3
CDIV2
CDIV1
CDIV0
Bit
Symbol
R/W
Definition
7
–
–
Reserved
6
IRDAEN
RW
IrDA Enable
0 = IrDA Interface is disabled
1 = IrDA is enabled, UART1 outputs are disconnected from
Port 1 (or Port 4)
5PULSE
RW
IrDA Pulse Modulation Select
0 = 1.627µs
1 = 3/16 bit time pulses
4-0
CDIV[4:0]
RW
Specify Clock Divider (see Table 53 on page 114)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com