Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6T Datasheet(PDF) 155 Page - STMicroelectronics

Part # UPSD3422EB40U6T
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6T Datasheet(HTML) 155 Page - STMicroelectronics

Back Button UPSD3422EB40U6T Datasheet HTML 151Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 152Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 153Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 154Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 155Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 156Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 157Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 158Page - STMicroelectronics UPSD3422EB40U6T Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 293 page
background image
uPSD34xx
USB interface
155/293
Table 70.
USB device address register (UADDR 0E2h, reset value 00h)
Table 71.
Pairing control register (UPAIR 0E3h, reset value 00h)
25.4.3
USB interrupts
There are many USB related events that generate an interrupt. The events that generate an
interrupt are selectively enabled through the use of the USB Interrupt Enable Registers. All
USB interrupts are serviced through a single interrupt vector (see Section 13: Interrupt
system on page 52 for the address of the interrupt vector). When a USB interrupt occurs,
firmware must check the USB Interrupt Flag Registers to determine the source of the
interrupt, clear that interrupt flag and process the interrupt before returning to the interrupted
code.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
–
USBADDR[6:0]
Bit
Symbol
R/W
Definition
7
–
–
Reserved
6:0
USBADDR
R/W
USB Address of the device.
These bits are cleared with a Hardware RESET. When a USB
RESET is detected, the address register should be cleared.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
–
–
–
–
PR3OUT
PR1OUT
PR3IN
PR1IN
Bit
Symbol
R/W
Definition
7
–
–
Reserved
6
–
–
Reserved
5
–
–
Reserved
4
–
–
Reserved
3PR3OUT
R/W
Setting this bit enables double buffering of the OUT FIFOs for
Endpoints 3 and 4. Access to the double buffered FIFOs is
through Endpoint3’s OUT FIFO.
2PR1OUT
R/W
Setting this bit enables double buffering of the OUT FIFOs for
Endpoints 1 and 2. Access to the double buffered FIFOs is
through Endpoint1’s OUT FIFO.
1PR3IN
R/W
Setting this bit enables double buffering of the IN FIFOs for
Endpoints 3 and 4. Access to the double buffered FIFOs is
through Endpoint3’s IN FIFO.
0PR1IN
R/W
Setting this bit enables double buffering of the IN FIFOs for
Endpoints 1 and 2. Access to the double buffered FIFOs is
through Endpoint1’s IN FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com